Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT646T Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT646T Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT646T
Download  PI74FCT646T Download
File Size   84.73 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal Registered Transceivers

PI74FCT646T Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT646T Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT646T
Download  PI74FCT646T Click to download

File Size   84.73 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal Registered Transceivers

PI74FCT646T Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT646T Product details

Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.6/0.8 micron CMOS technology, achieving industry leading speed grades. All PI74FCT2XXX devices have a built-in 25-ohm series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor.

Product Features:
• PI74FCT646T/648T/651T/652T/2646T/2652T is pin compatible with bipolar FAST™ Series at a higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 24-pin 300 mil wide plastic DIP (P)
    – 24-pin 150 mil wide plastic QSOP (Q)
    – 24-pin 150 mil wide plastic TQSOP (R)
    – 24-pin 300 mil wide plastic SOIC (S)
• Device models available upon request




Similar Part No. - PI74FCT646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT640T PERICOM-PI74FCT640T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT645T PERICOM-PI74FCT645T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
More results


Similar Description - PI74FCT646T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com