Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT646T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT646T
Description  Fast CMOS Octal Registered Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT646T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT646T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS2022A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT646/648/651/652T
(25
Ω
Ω
Ω
Ω
Ω Series) P174FCT2646T/2652T
OCTAL REGISTERED TRANSCEIVERS
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are
produced in the Company’s advanced 0.6/0.8 micron CMOS
technology, achieving industry leading speed grades. All
PI74FCT2XXX devices have a built-in 25-ohm series resistor on
all outputs to reduce noise because of reflections, thus eliminating
the need for an external terminating resistor.
The PI74FCT646T/648T/651T/652T and PI74FCT2646T/2652T
are designed with a bus transceiver with 3-state D-type flip-flops
and control circuitry arranged for multiplexed transmission of data
directly from the data bus or from the internal storage registers. The
PI74FCT651/652T/2652T utilize GAB and GBA signals to control
the transceiver functions. The PI74FCT646/2646T/648T utilize
the enable control (G) and direction pins (DIR) to control the
transceiver functions. SAB and SBA control pins are used to select
either real-time or stored data transfer. The circuitry used for select
control will eliminate the typical decoding glitch that occurs in a
multiplexer during the transition between real-time and stored data.
A low input level selects real-time data and a high selects stored
data.
The PI74FCT646T is a non-inverting option of the PI74FCT648T.
The PI74FCT652T is a non-inverting option of the PI74FCT651T.
Fast CMOS Octal Registered Transceivers
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT646T/648T/651T/652T
(25
Ω
Ω
Ω
Ω
Ω Series PI74FCT2646T/2652T
Product Features:
• PI74FCT646T/648T/651T/652T/2646T/2652Tispincompatible
with bipolar FAST™ Series at a higher speed and lower power
consumption
•25
Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 24-pin 300 mil wide plastic DIP (P)
– 24-pin 150 mil wide plastic QSOP (Q)
– 24-pin 150 mil wide plastic TQSOP (R)
– 24-pin 300 mil wide plastic SOIC (S)
• Device models available upon request
0D
CPAB
C0
CPBA
SBA
DIR
G
SAB
0D
C0
A REG
B REG
B0
A0
1 OR 8 CHANNELS
TO 7 OTHER CHANNELS
GBA
GAB
PI74FCT651/652 ONLY
PI74FCT651/652 ONLY
646/652
ONLY
646/652
ONLY
PI74FCT646/648
ONLY


Similar Part No. - PI74FCT646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT640T PERICOM-PI74FCT640T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT645T PERICOM-PI74FCT645T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
More results

Similar Description - PI74FCT646T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com