Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT646T Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT646T
Description  Fast CMOS Octal Registered Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT646T Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT646T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT646T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS2022A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT646/648/651/652T
(25
Ω
Ω
Ω
Ω
Ω Series) P174FCT2646T/2652T
OCTAL REGISTERED TRANSCEIVERS
Pin Name
Description
A0-A7
Data Register A Inputs
Data Register B Outputs
B0-B7
Data Register B Inputs
Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR, G
Output Enable Inputs
(646/648/2646)
GAB, GBA
Output Enable Inputs
(651/652/2652)
GND
Ground
VCC
Power
Product Pin Description
PI74FCT646/648T
Product Pin Configuration
PI74FCT651/652T
Product Pin Configuration
PI74FCT646/2646T
PI74FCT648T
Inputs
DATA I/O
(2)
Function/Operation
Function/Operation
G
DIR
CPAB CPBA SAB
SBA
A0-A7
B0-B7
Isolation
Isolation
H
X
H or L
H or L
X
X
Input
Input
Store A and B Data
Store A and B Data
H
X
↑↑
XX
Real Time B Data to A Bus
Real Time B Data to A Bus
L
L
X
X
X
L
Output
Input
Stored B Data to A Bus
Stored B Data to A Bus
L
L
X
H or L
X
H
Real Time A Data to B Bus
Real Time A Data to B Bus
L
H
X
X
L
X
Input
Output
Stored A Data to B Bus
Stored A Data to B Bus
L
H
H or L
X
H
X
PI74FCT646/648/2646T Truth Table
PI74FCT651T
PI74FCT652/2652T
Inputs
DATA I/O
(2)
Function/Operation
Function/Operation
GAB
GBA
CPAB CPBA SAB
SBA
A0-A7
B0-B7
Isolation
Isolation
L
H
H or L
H or L
X
X
Input
Input
Store A and B Data
Store A and B Data
L
H
↑↑
XX
Store A, Hold B
Store A, Hold B
X
H
↑
H or L
X
X
Input
Unspecified
(1)
Store A in Both Registers
(3)
Store A in Both Registers
H
H
↑↑
X
(2)
X
Input
Output
Hold A, Store B
Hold A, Store B
L
X
H or L
↑
XX
Unspecified
(1)
Input
Store B in Both Registers
(4)
Store B in Both Registers
L
L
↑↑
XX
(2)
Output
Input
Real Time B Data to A Bus
Real Time B Data to A Bus
L
L
X
X
X
L
Output
Input
Stored B Data to A Bus
Stored B Data to A Bus
L
L
X
H or L
X
H
Real Time A Data to B Bus
Real Time A Data to B Bus
HHXX
L
X
Input
Output
Stored A Data to B Bus
Stored A Data to B Bus
H
H
H or L
X
H
X
Stored A Data to B Bus and Stored A Data to B Bus and
H
L
H or L
H or L
H
H
Output
Output
Stored B Data to A Bus
Stored B Data to A Bus
PI74FCT651/652/2652T Truth Table
1.
The data output functions may be enabled or disabled by various signals at the GAB or GBA inputs. Data
input functions are always enabled, i.e., data at the bus pins will be stored on every low-to-high transition
on the clock inputs.
2.
Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered in order to load both registers.
3.
A in B Register
4.
B in A Register
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CPAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
Vcc
CPBA
SBA
G
B0
B1
B2
B3
B4
B5
B6
B7
24-PIN
P24
Q24
R24
S24
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CPAB
SAB
GAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
Vcc
CPBA
SBA
GBA
B0
B1
B2
B3
B4
B5
B6
B7
24-PIN
P24
Q24
R24
S24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com