Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201PBF Datasheet (PDF) - International Rectifier

IP1201PBF Datasheet PDF - International Rectifier
Part # IP1201PBF
Download  IP1201PBF Download
File Size   961.51 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives

IP1201PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IP1201PBF Datasheet PDF - International Rectifier

Part # IP1201PBF
Download  IP1201PBF Click to download

File Size   961.51 Kbytes
Page   29 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives

IP1201PBF Datasheet (HTML) - International Rectifier


IP1201PBF Product details

Dual Output Full Function 2 Phase Synchronous Buck Power Block
Integrated Power Semiconductors, PWM Control & Passives

Features
• 3.14V to 5.5V input voltage
• 0.8V to 3.3V output voltage
• 2 Phase Synchronous Buck Power Block
• 180out of phase operation
• Single or Dual output capability
• Dual 15A maximum load capability
• Single 2 phase 30A maximum load capability
• 200-400kHz per channel nominal switching frequency
• Over Current Hiccup or Over Current Latch
• External Synchronization capability
• Overvoltage protection
• Independent soft start per output
• Over Temperature protection
• Internal features minimize layout sensitivity *
• Very small outline 15.5mm x 9.25mm x 2.6mm




Similar Part No. - IP1201PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results


Similar Description - IP1201PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002 IRF-IP2002 Datasheet
835Kb / 12P
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com