Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1203 Datasheet (PDF) - International Rectifier

IP1203 Datasheet PDF - International Rectifier
Part # IP1203
Download  IP1203 Download
File Size   635.31 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single Output Full Function Synchronous Buck Power Block

IP1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP1203 Datasheet PDF - International Rectifier

Part # IP1203
Download  IP1203 Click to download

File Size   635.31 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single Output Full Function Synchronous Buck Power Block

IP1203 Datasheet (HTML) - International Rectifier


IP1203 Product details

Single Output Full Function Synchronous Buck Power Block

Integrated Power Semiconductors, PWM Control & Passives



Features

• 5.5V to 13.2V Input Voltage

• 0.8V to 8V Output Voltage

• 15A Maximum Load Capability

• 200-400kHz Nominal Switching Frequency

• Over Current Hiccup

• External Synchronization Capable

• Overvoltage Protection

• Over Temperature Protection

• Internal Features Minimize Layout Sensitivity

• Very Small Outline 9mm x 9mm x 2.3mm




Similar Part No. - IP1203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
XP Power Limited
IP1203SA XPPOWER-IP1203SA Datasheet
252Kb / 1P
Regulated Single & Dual Output
logo
International Rectifier
IP1203TRPBF IRF-IP1203TRPBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
More results


Similar Description - IP1203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1001 IRF-IP1001 Datasheet
507Kb / 18P
Full Function Synchronous Buck Power Block
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com