Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001 Datasheet (PDF) - International Rectifier

IP1001 Datasheet PDF - International Rectifier
Part # IP1001
Download  IP1001 Download
File Size   507.52 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Full Function Synchronous Buck Power Block

IP1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP1001 Datasheet PDF - International Rectifier

Part # IP1001
Download  IP1001 Click to download

File Size   507.52 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Full Function Synchronous Buck Power Block

IP1001 Datasheet (HTML) - International Rectifier


IP1001 Product details

Description
The iP1001 is a fully optimized solution for high current synchronous buck applications requiring up to 20A. The iP1001 is optimized for single-phase applications, and includes a full function fast transient response PWM control, with an optimized power semiconductor chip-set and associated passives, achieving benchmark power density. Very few external components are required, including output inductor, input & output capacitors. Further range of operation to 3.3Vin can be achieved with the addition of a simple external boost circuit, and operation up to 3.3Vout can be achieved with a simple external voltage divider.

Features
• 3.3V to 12V input voltage1
• 20A maximum load capability, with no derating up to TPCB = 90°C
• 5 bit DAC settable, 0.925V to 2V output voltage range 2
• Configurable down to 3.3Vin & up to 3.3Vout with simple external circuit 3
• 200kHz or 300kHz nominal switching frequency
• Optimized for very low power losses
• Over & undervoltage protection
• Adjustable lossless current limit
• Internal features minimize layout sensitivity *
• Very small outline 14mm x 14mm x 3mm




Similar Part No. - IP1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001-DS-R01 ETC2-IP1001-DS-R01 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R02 ETC2-IP1001-DS-R02 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R03 ETC2-IP1001-DS-R03 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R04 ETC2-IP1001-DS-R04 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R05 ETC2-IP1001-DS-R05 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results


Similar Description - IP1001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com