Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421P Datasheet (PDF) - NXP Semiconductors

PCB2421P Datasheet PDF - NXP Semiconductors
Part # PCB2421P
Download  PCB2421P Download
File Size   112.73 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1K dual mode serial EEPROM

PCB2421P Datasheet (PDF)

Go To PDF Page Download Datasheet
PCB2421P Datasheet PDF - NXP Semiconductors

Part # PCB2421P
Download  PCB2421P Click to download

File Size   112.73 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1K dual mode serial EEPROM

PCB2421P Datasheet (HTML) - NXP Semiconductors


PCB2421P Product details

GENERAL DESCRIPTION
The Philips PCB2421 is a 128 × 8-bit dual mode serial Electrically Erasable PROM (EEPROM).
This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Two modes of operation have been implemented: transmit-only mode (DDC1 mode) and bidirectional mode (DDC2B, or I2C-bus mode). Upon power-up, the device will be in the transmit-only mode, sending a serial bitstream of the entire memory array contents, clocked by the VCLK pin. A valid HIGH-to-LOW transition on the SCL pin will cause the device to enter the bidirectional mode, with byte selectable read/write capability of the memory array. The PCB2421 is available in a standard 8-pin dual in-line and 8-pin small outline package operating in a commercial temperature range.

FEATURES
• Single supply with operation 4.5 to 5.5 V
• Completely implements DDC1/DDC2B interface for monitor identification
• Low power CMOS technology
• Two-wire I2C-bus interface
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• Write-protect pin
• 100 kHz I2C-bus compatibility
• Designed for 10000 erase/write cycles minimum
• Data retention greater than 10 years
• 8-pin DIP and SO package
• Temperature range 0 to +70 °C.




Similar Part No. - PCB2421P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCB2225 ETC2-PCB2225 Datasheet
154Kb / 1P
This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry
PCB2240 ETC2-PCB2240 Datasheet
154Kb / 1P
This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry
More results


Similar Description - PCB2421P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com