Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2716DC Datasheet (PDF) - List of Unclassifed Manufacturers

AM2716DC Datasheet PDF - List of Unclassifed Manufacturers
Part # AM2716DC
Download  AM2716DC Download
File Size   228.5 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2048 x 8-Bit UV Erasable PROM

AM2716DC Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2716DC Datasheet PDF - List of Unclassifed Manufacturers

Part # AM2716DC
Download  AM2716DC Click to download

File Size   228.5 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2048 x 8-Bit UV Erasable PROM

AM2716DC Datasheet (HTML) - List of Unclassifed Manufacturers


AM2716DC Product details

DISTINCTIVE CHARACTERISTICS
• Direct replacement for Intel 2716
• Interchangeable with Am9218 - 16K ROM
• Single +5V power supply
• Fast access time - 450ns standard with 350ns and 390ns
options
• Low power dissipation
- 525mW active
- 132mW standby
• Fully static operation - no clocks
• Three-state outputs
• TTL compatible inputs/outputs
• 100% MIL-STD-883 reliability assurance testing

GENERAL DESCRIPTION
The Am2716/Am4716 is a 16384-bit ultraviolet erasable and pro-
grammable read-only memory. It is organized as 2048 words
by 8 bits per word, operates from a single +5V supply, has a
static standby mode and features fast single address location
programming.
Because the Am2716/Am4716 operates from a single +5V sup-
ply, it is ideal for use in microprocessor systems. All programming
signals are TTL levels, requiring a single pulse. For programming
outside of the system, existing EPROM programmers may be
used. Locations may be programmed singly, in blocks, or at
random. Total programming time for all bits is 100 seconds.




Similar Part No. - AM2716DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
AM2716B-100DC ETC1-AM2716B-100DC Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
AM2716B-100DE ETC1-AM2716B-100DE Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
AM2716B-100DI ETC1-AM2716B-100DI Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
AM2716B-100LC ETC1-AM2716B-100LC Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
More results


Similar Description - AM2716DC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
logo
National Semiconductor ...
27C16 NSC-27C16 Datasheet
111Kb / 8P
16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
logo
STMicroelectronics
ET2716 STMICROELECTRONICS-ET2716 Datasheet
298Kb / 6P
16,384-BIT (2048 x 8) UV ERASABLE PROM MEMORY COMPONENTS
logo
National Semiconductor ...
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
MM2716E NSC-MM2716E Datasheet
599Kb / 6P
16,384-Bit (2048 x 8) UV Erasable PROM Extended Temperature Range
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
M2716 INTEL-M2716 Datasheet
400Kb / 7P
16K (2K x 8) UV ERASABLE PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
262, 144-Bit (32k X 8) UV Erasable CMOS PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com