Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC105N15LS5 Datasheet (PDF) - Infineon Technologies AG

BSC105N15LS5 Datasheet PDF - Infineon Technologies AG
Part # BSC105N15LS5
Download  BSC105N15LS5 Download
File Size   1417.84 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM5 Power-Transistor, 150 V

BSC105N15LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC105N15LS5 Datasheet PDF - Infineon Technologies AG

Part # BSC105N15LS5
Download  BSC105N15LS5 Click to download

File Size   1417.84 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM5 Power-Transistor, 150 V

BSC105N15LS5 Datasheet (HTML) - Infineon Technologies AG


BSC105N15LS5 Product details

Features
• N-channel, logic level
• Very low on-resistance RDS(on)
• Superior thermal resistance
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC105N15LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC105N10LSFG INFINEON-BSC105N10LSFG Datasheet
441Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.09 2009-11-03
More results


Similar Description - BSC105N15LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ146N10LS5 INFINEON-BSZ146N10LS5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.2,2016-08-10
IPD050N10N5 INFINEON-IPD050N10N5 Datasheet
972Kb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17
BSC019N08NS5 INFINEON-BSC019N08NS5 Datasheet
964Kb / 11P
MOSFET OptiMOSTM5 Power-Transistor, 80 V
Rev.2.0,2020-12-22
ISC0602NLS INFINEON-ISC0602NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 80 V
Rev.2.1,2021-04-01
ISC0702NLS INFINEON-ISC0702NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08
ISC0703NLS INFINEON-ISC0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
ISC0804NLS INFINEON-ISC0804NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISZ034N06LM5 INFINEON-ISZ034N06LM5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12
ISZ0702NLS INFINEON-ISZ0702NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
IPT009N06NM5 INFINEON-IPT009N06NM5 Datasheet
884Kb / 11P
MOSFET OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2023-03-27
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com