Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLF4277-2EP Datasheet (PDF) - Infineon Technologies AG

TLF4277-2EP Datasheet PDF - Infineon Technologies AG
Part # TLF4277-2EP
Download  TLF4277-2EP Download
File Size   1118.28 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREGTM linear voltage regulator Low dropout linear voltage regulator

TLF4277-2EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLF4277-2EP Datasheet PDF - Infineon Technologies AG

Part # TLF4277-2EP
Download  TLF4277-2EP Click to download

File Size   1118.28 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREGTM linear voltage regulator Low dropout linear voltage regulator

TLF4277-2EP Datasheet (HTML) - Infineon Technologies AG


TLF4277-2EP Product details

Features
• Integrated current monitor
• Overvoltage detection, overtemperature detection and overcurrent
detection
• Adjustable output voltage
• Output current up to 400 mA
• Adjustable output current limitation
• Very low current consumption
• Very low dropout voltage
• Stable with ceramic output capacitor of 1 μF
• Wide input voltage range up to 40 V
• Reverse polarity protection
• Short circuit protection
• Overtemperature shutdown
• Green Product (RoHS compliant)




Similar Part No. - TLF4277-2EP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
More results


Similar Description - TLF4277-2EP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLS820F0 INFINEON-TLS820F0_15 Datasheet
1Mb / 41P
Low Dropout Linear Voltage Regulator
Rev. 1.1, 2015-07-27
TLS710B0 INFINEON-TLS710B0_15 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS835B2ELVSE INFINEON-TLS835B2ELVSE Datasheet
903Kb / 27P
Low Dropout Linear Voltage Regulator
Rev. 1.1 2018-09-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com