Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42744 Datasheet (PDF) - Infineon Technologies AG

TLE42744 Datasheet PDF - Infineon Technologies AG
Part # TLE42744
Download  TLE42744 Download
File Size   438.1 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Voltage Regulator

TLE42744 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE42744 Datasheet PDF - Infineon Technologies AG

Part # TLE42744
Download  TLE42744 Click to download

File Size   438.1 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Voltage Regulator

TLE42744 Datasheet (HTML) - Infineon Technologies AG


TLE42744 Product details

Description

The TLE42744 is a monolithic integrated low dropout voltage regulator for load currents up to 400 mA. An input voltage up to 40 V is regulated to VQ,nom = 5 V / 3.3 V with a precision of ±2%. The device is designed for the harsh environment of automotive applications. Therefore it is protected against overload, short circuit and overtemperature conditions by the implemented output current limitation and the overtemperature shutdown circuit. The TLE42744 can be also used in all other applications requiring a stabilized 5 V / 3.3 V voltage.

Due to its very low quiescent current the TLE42744 is dedicated for use in applications permanently connected to VBAT.



Features

• Very Low Current Consumption

• Output Voltages 5 V and 3.3 V ±2%

• Output Current up to 400 mA

• Very Low Dropout Voltage

• Output Current Limitation

• Reverse Polarity Protection

• Overtemperature Shutdown

• Wide Temperature Range From -40°C up to 150°C

• Green Product (RoHS compliant)

• AEC Qualified



 




Similar Part No. - TLE42744

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42744DV33 INFINEON-TLE42744DV33 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42744DV50 INFINEON-TLE42744DV50 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42744EV50 INFINEON-TLE42744EV50 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42744GSV33 INFINEON-TLE42744GSV33 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42744GV33 INFINEON-TLE42744GV33 Datasheet
1Mb / 21P
Very Low Current Consumption
More results


Similar Description - TLE42744

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
Low-Dropout Linear Voltage Regulator
REV. A
logo
Infineon Technologies A...
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850B0TEV33 INFINEON-TLS850B0TEV33 Datasheet
837Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-10-16
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com