Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42744 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42744
Description  Low Dropout Linear Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42744 Datasheet HTML 5Page - Infineon Technologies AG TLE42744 Datasheet HTML 6Page - Infineon Technologies AG TLE42744 Datasheet HTML 7Page - Infineon Technologies AG TLE42744 Datasheet HTML 8Page - Infineon Technologies AG TLE42744 Datasheet HTML 9Page - Infineon Technologies AG TLE42744 Datasheet HTML 10Page - Infineon Technologies AG TLE42744 Datasheet HTML 11Page - Infineon Technologies AG TLE42744 Datasheet HTML 12Page - Infineon Technologies AG TLE42744 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
9
Rev. 1.1, 2010-01-13
TLE42744
Electrical Characteristics
5
Electrical Characteristics
5.1
Electrical Characteristics Voltage Regulator
Electrical Characteristics
V
I =13.5 V; T
j = -40 °C to 150 °C; all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
Output Q
5.1.1
Output Voltage
V
Q
4.9
5.0
5.1
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
5mA< IQ<400 mA
6V< VI <28V
5.1.2
Output Voltage
V
Q
4.9
5.0
5.1
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
5mA< IQ<200 mA
6V< VI <40V
5.1.3
Output Voltage
V
Q
3.23
3.3
3.37
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
5mA< IQ<400 mA
4.7 V < VI <28V
5.1.4
Output Voltage
V
Q
3.23
3.3
3.37
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
5mA< IQ<200 mA
4.7 V < VI <40V
5.1.5
Dropout Voltage
V
dr
–
250
500
mV
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
IQ =250 mA
Vdr = VI – VQ
1)
5.1.6
Load Regulation
∆VQ, lo
–
20
50
mV
TLE42744DV50,
TLE42744GV50,
TLE42744EV50;
IQ = 5 mA to 400 mA
V
I =6V
5.1.7
Load Regulation
∆VQ, lo
–
40
70
mV
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
IQ = 5 mA to 300 mA
5.1.8
Line Regulation
∆VQ, li
–
1025mV
Vl = 12 V to 32 V
IQ =5mA
5.1.9
Output Current Limitation
I
Q
400
600
1100 mA
1)
5.1.10
Power Supply Ripple Rejection2)
PSRR
–60
–
dB
fr =100 Hz; Vr =0.5 Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com