Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002 Datasheet (PDF) - NXP Semiconductors

PCD5002 Datasheet PDF - NXP Semiconductors
Part # PCD5002
Download  PCD5002 Download
File Size   203.79 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Advanced POCSAG and APOC-1 Paging Decoder

PCD5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5002 Datasheet PDF - NXP Semiconductors

Part # PCD5002
Download  PCD5002 Click to download

File Size   203.79 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Advanced POCSAG and APOC-1 Paging Decoder

PCD5002 Datasheet (HTML) - NXP Semiconductors


PCD5002 Product details

GENERAL DESCRIPTION

The PCD5002 is a very low power pager decoder and controller, capable of handling both standard POCSAG and the advanced APOC-1 code. Continuous data decoding upon reception of a dedicated sync word is available for news pager applications.

Data rates supported are 512, 1200 and 2400 bits/s using a single 76.8 kHz crystal. On-chip EEPROM is programmable using a minimum supply voltage of 2.0 V, allowing ‘over-the-air’ programming. I2C-bus compatible.



FEATURES

• Wide operating supply voltage range: 1.5 to 6.0 V

• EEPROM programming requires only 2.0 V supply

• Low operating current: 50 µA typ. (ON), 25 µA typ. (OFF)

• Temperature range −25 to +70 °C

• “CCIR radio paging Code No. 1” (POCSAG) compatible

• Supports Advanced Pager Operator’s Code Phase 1 (APOC-1) for extended battery economy

• 512, 1200 and 2400 bits/s data rates using 76.8 kHz crystal

• Built-in data filter (16-times oversampling) and bit clock recovery

• Advanced ACCESS synchronization algorithm

• 2-bit random and (optional) 4-bit burst error correction

• Up to 6 user addresses (RICs), each with 4 functions/alert cadences

• Up to 6 user address frames, independently programmable

• Standard POCSAG sync word, plus up to 4 user programmable sync words

• Continuous data decoding upon reception of user programmable sync word (optional)

• Received data inversion (optional)

• Call alert via beeper, vibrator or LED

• 2-level acoustic alert using single external transistor

• Alert control: automatic (POCSAG type), via cadence register or alert input pin

• Separate power control of receiver and RF oscillator for battery economy

• Synthesizer set-up and control interface (3-line serial)

• On-chip EEPROM for storage of user addresses (RICs), pager configuration and synthesizer data

• On-chip SRAM buffer for message data

• Slave I2C-bus interface to microcontroller for transfer of message data, status/control and EEPROM programming (data transfer at up to 100 kbits/s)

• Wake-up interrupt for microcontroller, programmable polarity

• Direct and I2C-bus control of operating status (ON/OFF)

• Battery-low indication (external detector)

• Out-of-range condition indication

• Real time clock reference output

• On-chip voltage doubler

• Interfaces directly to UAA2080 and UAA2082 paging receivers.



APPLICATIONS

• Advanced display pagers (POCSAG and APOC-1)

• Basic alert-only pagers

• Information services

• Personal organizers

• Telepoint

• Telemetry/data transmission.




Similar Part No. - PCD5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5002AH PHILIPS-PCD5002AH Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
More results


Similar Description - PCD5002

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
POCSAG Paging Decoder
1997 Mar 04
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
PAGING DECODER
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
PAGING DECODER IC (POCSAG)
S-7041B SII-S-7041B Datasheet
1Mb / 21P
PAGING DECODER
logo
Winbond
W93910 WINBOND-W93910 Datasheet
267Kb / 35P
ERMES PAGING DECODER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com