Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003 Datasheet (PDF) - NXP Semiconductors

PCD5003 Datasheet PDF - NXP Semiconductors
Part # PCD5003
Download  PCD5003 Download
File Size   187.61 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Advanced POCSAG Paging Decoder

PCD5003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5003 Datasheet PDF - NXP Semiconductors

Part # PCD5003
Download  PCD5003 Click to download

File Size   187.61 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Advanced POCSAG Paging Decoder

PCD5003 Datasheet (HTML) - NXP Semiconductors


PCD5003 Product details

GENERAL DESCRIPTION
The PCD5003 is a very low power POCSAG decoder and pager controller. It supports data rates of 512, 1200 and 2400 bits/s using a single 76.8 kHz crystal. On-chip EEPROM is programmable using a minimum supply voltage of 2.0 V, allowing ‘over-the-air’ programming. The PCD5003 is fast I2C-bus compatible (maximum 400 kbits/s).

FEATURES
• Wide operating supply voltage range: 1.5 to 6.0 V
• EEPROM programming requires only 2.0 V supply
• Low operating current: 50 µA typ. (ON), 25 µA typ. (OFF)
• Temperature range: −25 to +70 °C
• “CCIR Radio paging Code No. 1” (POCSAG) compatible
• 512, 1200 and 2400 bits/s data rates using 76.8 kHz crystal
• Built-in data filter (16-times oversampling) and bit clock recovery
• Advanced ACCESS synchronization algorithm
• 2-bit random and (optional) 4-bit burst error correction
• Up to 6 user addresses (RICs), each with 4 functions/alert cadences
• Up to 6 user address frames, independently programmable
• Standard POCSAG sync word, plus up to 4 user programmable sync words
• Received data inversion (optional)
• Call alert via beeper, vibrator or LED
• 2-level acoustic alert using single external transistor
• Alert control: automatic (POCSAG type), via cadence register or alert input pin
• Separate power control of receiver and RF-oscillator for battery economy
• Synthesizer set-up and control interface (3-line serial)
• On-chip EEPROM for storage of user addresses (RICs), pager configuration and synthesizer data
• On-chip SRAM buffer for message data
• Slave I2C-bus interface to microcontroller for transfer of message data, status/control and EEPROM programming (data transfer at up to 400 kbits/s)
• Wake-up interrupt for microcontroller, programmable polarity
• Direct and I2C-bus control of operating status (ON/OFF)
• Battery-low indication (external detector)
• Out-of-range condition indication
• Real time clock reference output
• On-chip voltage doubler
• Interfaces directly to UAA2080 and UAA2082 paging receivers.

APPLICATIONS
• Display pagers, basic alert-only pagers
• Information services
• Personal organizers
• Telepoint
• Telemetry/data transmission.




Similar Part No. - PCD5003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5003A PHILIPS-PCD5003A Datasheet
233Kb / 44P
Enhanced Pager Decoder for POCSAG
1999 Jan 08
PCD5003AH PHILIPS-PCD5003AH Datasheet
233Kb / 44P
Enhanced Pager Decoder for POCSAG
1999 Jan 08
More results


Similar Description - PCD5003

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
POCSAG Paging Decoder
1997 Mar 04
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
PAGING DECODER
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
PAGING DECODER IC (POCSAG)
S-7041B SII-S-7041B Datasheet
1Mb / 21P
PAGING DECODER
logo
Winbond
W93910 WINBOND-W93910 Datasheet
267Kb / 35P
ERMES PAGING DECODER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com