Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003A Datasheet (PDF) - NXP Semiconductors

PCD5003A Datasheet PDF - NXP Semiconductors
Part # PCD5003A
Download  PCD5003A Download
File Size   233.34 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced Pager Decoder for POCSAG

PCD5003A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5003A Datasheet PDF - NXP Semiconductors

Part # PCD5003A
Download  PCD5003A Click to download

File Size   233.34 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced Pager Decoder for POCSAG

PCD5003A Datasheet (HTML) - NXP Semiconductors


PCD5003A Product details

GENERAL DESCRIPTION
The PCD5003A is a very low power POCSAG decoder and pager controller. It supports data rates of 512, 1200 and 2400 bits/s using a single 76.8 kHz crystal. On-chip EEPROM is programmable using a minimum supply voltage of 2.0 V, allowing ‘over-the-air’ programming. The PCD5003A is fast I2C-bus compatible (maximum 400 kbits/s).

FEATURES
• Wide operating supply voltage range: 1.5 to 6.0 V
• EEPROM programming requires only 2.0 V supply
• Low operating current: 50 µA typ. (ON), 25 µA typ. (OFF)
• Temperature range: −25 to +70 °C
• “CCIR Radio paging Code No. 1” (POCSAG) compatible
• 512, 1200 and 2400 bits/s data rates using 76.8 kHz crystal
• Built-in data filter (16-times oversampling) and bit clock recovery
• Advanced ACCESS synchronization algorithm
• 2-bit random and (optional) 4-bit burst error correction
• Up to 6 user addresses Receiver Identity Codes (RICs), each with 4 functions/alert cadences
• Up to 6 user address frames, independently programmable
• Optional automatic call termination when bit error rate is high
• Standard POCSAG sync word, plus up to 4 user programmable sync words
• Received data inversion (optional)
• Call alert via beeper, vibrator or LED
• 2-level acoustic alert using single external transistor
• Alert control: automatic (POCSAG type), via cadence register or alert input pin
• Separate power control of receiver and RF-oscillator for battery economy
• Dedicated pin for easy control of superheterodyne receiver
• Synthesizer set-up and control interface (3-line serial)
• On-chip EEPROM for storage of user addresses (RICs), pager configuration and synthesizer data
• On-chip SRAM buffer for message data
• Slave I2C-bus interface to microcontroller for transfer of message data, status/control and EEPROM programming (data transfer at up to 400 kbits/s)
• Wake-up interrupt for microcontroller, programmable polarity
• Direct and I2C-bus control of operating status (ON/OFF)
• Battery-low indication (external detector)
• Out-of-range condition indication
• Real-time clock reference output
• On-chip voltage doubler
• Interfaces directly to UAA2080 and UAA2082 paging receivers.

APPLICATIONS
• Display pagers, basic alert-only pagers
• Information services
• Personal organizers
• Telepoint
• Telemetry/data transmission.




Similar Part No. - PCD5003A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003H PHILIPS-PCD5003H Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003U/10 PHILIPS-PCD5003U/10 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
More results


Similar Description - PCD5003A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5008 PHILIPS-PCD5008 Datasheet
341Kb / 64P
FLEX Pager Decoder
1998 Jun 17
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
POCSAG Paging Decoder
1997 Mar 04
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
PAGING DECODER IC (POCSAG)
logo
Weltrend Semiconductor
WT5082 WELTREND-WT5082 Datasheet
35Kb / 4P
Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com