Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT5082 Datasheet (PDF) - Weltrend Semiconductor

WT5082 Datasheet PDF - Weltrend Semiconductor
Part # WT5082
Download  WT5082 Download
File Size   35.35 Kbytes
Page   4 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver

WT5082 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT5082 Datasheet PDF - Weltrend Semiconductor

Part # WT5082
Download  WT5082 Click to download

File Size   35.35 Kbytes
Page   4 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver

WT5082 Datasheet (HTML) - Weltrend Semiconductor


WT5082 Product details

DESCRIPTION
The WT5082 is a high-performance, low-cost, CMOS 8-bit single-chip micro-controller with POCSAG decoder、 12KB SRAM、 296KB ROM and 56x32/56x33 dot-matrix LCD driver embedded, which is suitable for information paging applications, especially when large number of LCD dots and large ROM and SRAM space are needed, such as Chinese character display pagers.
This chip has 8-bit CPU, RAM, ROM, I/Os, two timers/counters, interrupt controller, LCD driver and watchdog timer. To be suitable for portable battery-powered applications, a power saving function is included.

FEATURES
◆ POCSAG pager code decoder
    ◇ Single crystal support 512, 1200 and 2400 baud rates ( 76.8kHz crystal )
    ◇ Support 6 RICs addresses and 6 independent frame numbers
    ◇ Support partial address match facility for address F (up to 260k addresses are provided)
    ◇ 3 RF control lines (PLL, quick charge and enable)
    ◇ Build in data filter (16-times over-sampling) and data bit clock recovery
    ◇ Interrupt 6502 CPU when there are any status change
    ◇ DMA or interrupt mode to send the received message data to CPU
◆ 8-bit single chip Microcontroller with 56x32/56x33 LCD driver
◆ 12Kbytes SRAM (~2K bits for LCD display SRAM), 256 Kbytes character pattern ROM, 32Kbytes program ROM and 8Kbytes ROM for test program
◆ Wide voltage operating range from 2.5 V to 3.6 V
◆ Built-in Ring Oscillator with maximum frequency up to 2.0 MHz
◆ I/O port (21 pins)
    。 Input port 8 pins
    。 Input/output port 13 pins
◆ Watchdog Timer
◆ Operating current 1mA/1MHz@3V; providing standby mode and key wake-up mode
    ◇ Ring OSC OFF and 76.8KHz X’tal OSC ON: current consumption < 85 uA @3V
◆ Dual timer/counters
◆ 7-bit EPI (external port interrupt) for key wake-up interrupt
◆ 1-bit EPI (external port interrupt to 6502 NMI) for battery remove detect
◆ SIO for flex decoder (32bit)
◆ UART(10 bits)
◆ One PWM signal function
◆ 2.2V threshold automatic power on reset
◆ 2.0V low power reset
◆ Package: Chip form or 128-pin LQFP (14mm x 14mm x 1.4mm)




Similar Part No. - WT5082

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT5080 WELTREND-WT5080 Datasheet
35Kb / 3P
8-bit mC with 4Mb ROM, 6.448Kbytes SRAM Push-Pull DAC and 48x32/64x32 LCD Driver
WT5081 WELTREND-WT5081 Datasheet
35Kb / 3P
8-bit mC with 4Mb ROM, 6.448Kbytes SRAM, Push-Pull DAC and 48x32/64x32 LCD Driver
More results


Similar Description - WT5082

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003A PHILIPS-PCD5003A Datasheet
233Kb / 44P
Enhanced Pager Decoder for POCSAG
1999 Jan 08
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
POCSAG Paging Decoder
1997 Mar 04
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
logo
Generalplus Technology ...
GPL191B2 GENERALPLUS-GPL191B2 Datasheet
447Kb / 18P
1024 Dots LCD Controller/Driver with 256KB ROM
GPL191C GENERALPLUS-GPL191C Datasheet
698Kb / 18P
1024 Dots LCD Controller/Driver with 256KB ROM
GPL85110A GENERALPLUS-GPL85110A Datasheet
833Kb / 18P
2048--Dot Mono LCD Controller/ Driver with 1M--Byte ROM
GPLB38B GENERALPLUS-GPLB38B Datasheet
388Kb / 13P
LCD Controller with 512KB ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com