Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT5080 Datasheet (PDF) - Weltrend Semiconductor

WT5080 Datasheet PDF - Weltrend Semiconductor
Part # WT5080
Download  WT5080 Download
File Size   35.75 Kbytes
Page   3 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description 8-bit mC with 4Mb ROM, 6.448Kbytes SRAM Push-Pull DAC and 48x32/64x32 LCD Driver

WT5080 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT5080 Datasheet PDF - Weltrend Semiconductor

Part # WT5080
Download  WT5080 Click to download

File Size   35.75 Kbytes
Page   3 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description 8-bit mC with 4Mb ROM, 6.448Kbytes SRAM Push-Pull DAC and 48x32/64x32 LCD Driver

WT5080 Datasheet (HTML) - Weltrend Semiconductor


WT5080 Product details

DESCRIPTION
The WT5080 is a high-performance, low-cost, CMOS 8-bit single-chip microcontroller with 48x32/64x32 dot-matrix LCD driver, which is suitable for variable applications, especially when large number of LCD dots and large ROM space are needed, including edutainment toys, speech synthesizer, Chinese character pagers, databank, handheld games and talking devices.
This chip has 8-bit CPU, RAM, I/Os, dual 16-bit timer/counters, interrupt controller, and a 9-bit push-pull D/A output. To be suitable for portable battery-powered applications, a power saving function is included.

FEATURES
◆ 8-bit single chip microcontroller with 48x32/64x32 LCD driver
◆ 6.448Kbytes SRAM and 512 Kbytes ROM
◆ Voltage operating range from 2.9 V to 3.2 V
◆ Built-in crystal OSC circuit and RC oscillator with maximum frequency up to 3.0 MHz
◆ 5 interrupt sources (external:1; internal:4) ; all sources have independent latches each and multiple interrupt control is available
◆ I/O port (20 pins)
    。 I/O port 4 pins
    。 I/O port 16 pins
◆ Watchdog Timer
◆ Operating current 1mA/2MHz@3V; key wake-up mode is provided
◆ RC OSC OFF and 32.768KHz X’tal ON (LCD Panel OFF): current consumption < 15 uA @3V
    NOTE: LCD panel can be turned off, but 32.768KHz crystal is always ON
◆ Dual 16-bit timer/counters
◆ 9-bit push-pull D/A converter
◆ Package: Chip form or 128-pin LQFP (14mm x 14mm x 1.4mm)




Similar Part No. - WT5080

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT5081 WELTREND-WT5081 Datasheet
35Kb / 3P
8-bit mC with 4Mb ROM, 6.448Kbytes SRAM, Push-Pull DAC and 48x32/64x32 LCD Driver
WT5082 WELTREND-WT5082 Datasheet
35Kb / 4P
Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver
More results


Similar Description - WT5080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C434 PHILIPS-P83C434 Datasheet
165Kb / 36P
8-bit microcontrollers with LCD-driver
1997 Jul 03
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Weltrend Semiconductor
WT5058 WELTREND-WT5058 Datasheet
43Kb / 7P
8-bit m C with 8KB ROM, an 8-CH 12-bit A/D Converter and 16x4 LCD Driver
WT5081 WELTREND-WT5081 Datasheet
35Kb / 3P
8-bit mC with 4Mb ROM, 6.448Kbytes SRAM, Push-Pull DAC and 48x32/64x32 LCD Driver
WT5082 WELTREND-WT5082 Datasheet
35Kb / 4P
Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver
logo
List of Unclassifed Man...
RW1065 ETC2-RW1065 Datasheet
258Kb / 6P
64x32 Dot Matrix LCD Controller / Driver
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com