Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5SS256K18 Datasheet (PDF) - Austin Semiconductor

AS5SS256K18 Datasheet PDF - Austin Semiconductor
Part # AS5SS256K18
Download  AS5SS256K18 Download
File Size   217.39 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through

AS5SS256K18 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5SS256K18 Datasheet PDF - Austin Semiconductor

Part # AS5SS256K18
Download  AS5SS256K18 Click to download

File Size   217.39 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through

AS5SS256K18 Datasheet (HTML) - Austin Semiconductor


AS5SS256K18 Product details

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. Synchronous Burst SRAM family employs high-speed, low power CMOS designs that are fabricated using an advanced CMOS process.

FEATURES
• Fast access times: 8, 10, and 15ns
• Fast clock speed: 113, 100, and 66 MHz
• Fast clock and OE access times
• Single +3.3V +0.3V/-0.165V power supply (VDD)
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Individual BYTE WRTIE control and GLOBAL WRITE
• Three chip enables for simple depth expansion and address pipelining
• Clock-controlled and registered addresses, data I/Os and control signals
• Interally self-timed WRITE cycle
• Burst control pin (interleaved or linear burst)
• Automatic power-down
• Low capacitive bus loading
• Operating Temperature Ranges:
    - Military -55°C to +125°C
    - Industrial -40°C to +85°C




Similar Part No. - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
Interally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-8/IT AUSTIN-AS5SS256K18DQ-8/IT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-9/IT AUSTIN-AS5SS256K18DQ-9/IT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results


Similar Description - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com