Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5SS256K18 Datasheet (PDF) - Micross Components

AS5SS256K18 Datasheet PDF - Micross Components
Part # AS5SS256K18
Download  AS5SS256K18 Download
File Size   644.45 Kbytes
Page   14 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Interally self-timed WRITE cycle

AS5SS256K18 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5SS256K18 Datasheet PDF - Micross Components

Part # AS5SS256K18
Download  AS5SS256K18 Click to download

File Size   644.45 Kbytes
Page   14 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Interally self-timed WRITE cycle

AS5SS256K18 Datasheet (HTML) - Micross Components


AS5SS256K18 Product details

GENERAL DESCRIPTION
The Micross Components Synchronous Burst SRAM family employs high-speed, low power CMOS designs that are fabricated using an advanced CMOS process.

FEATURES
• Fast access times: 8, 10, and 15ns
• Fast clock speed: 113, 100, and 66 MHz
• Fast clock and OE access times
• Single +3.3V ± 5% power supply (VDD)
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Individual BYTE WRTIE control and GLOBAL WRITE
• Three chip enables for simple depth expansion and address pipelining
• Clock-controlled and registered addresses, data I/Os and control signals
• Interally self-timed WRITE cycle
• Burst control pin (interleaved or linear burst)
• Automatic power-down
• Low capacitive bus loading
• Available in Industrial, Enhanced, and Mil-Temperature Operating Ranges
• RoHs compliant options available




Similar Part No. - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results


Similar Description - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256 ISSI-IS61C256 Datasheet
319Kb / 6P
WRITE CYCLE SWITCHING CHARACTERISTICS
logo
Motorola, Inc
MCM67B618B MOTOROLA-MCM67B618B Datasheet
120Kb / 11P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66_12 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
Self-Timed Byte Write Cycle
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
Internal self-timed write cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
Internally self-timed WRITE cycle
logo
Megawin Technology Co.,...
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
Flash write/erase cycle
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
Flash write/erase cycle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com