Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8642 Datasheet (PDF) - Intel Corporation

8642 Datasheet PDF - Intel Corporation
Part # 8642
Download  8642 Download
File Size   204.92 Kbytes
Page   12 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER

8642 Datasheet (PDF)

Go To PDF Page Download Datasheet
8642 Datasheet PDF - Intel Corporation

Part # 8642
Download  8642 Click to download

File Size   204.92 Kbytes
Page   12 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER

8642 Datasheet (HTML) - Intel Corporation


8642 Product details

Y 8742: 12 MHz
Y Pin, Software and Architecturally
Compatible with 8741A
Y 8-Bit CPU plus ROM, RAM, I/O, Timer
and Clock in a Single Package
Y 2048 x 8 EPROM, 128 x 8 RAM, 8-Bit
Timer/Counter, 18 Programmable I/O
Pins
Y One 8-Bit Status and Two Data
Registers for Asynchronous Slave-to-
Master Interface

Y DMA, Interrupt, or Polled Operation
Supported
Y Fully Compatible with all Intel and Most
Other Microprocessor Families
Y Expandable I/O
Y RAM Power-Down Capability
Y Over 90 Instructions: 70% Single Byte
Y Available in EXPRESS
ÐStandard Temperature Range




Similar Part No. - 8642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8642 ETC2-8642 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
PHOENIX CONTACT
8642 PHOENIX-8642 Datasheet
185Kb / 6P
PSD-S WIN MA/UL
logo
Heyco.
8642 HEYCO-8642 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
3M Electronics
86420 3M-86420 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
logo
Amphenol Corporation
86425 AMPHENOL-86425 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results


Similar Description - 8642

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
8-bit Microcontroller withI2C Interface
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com