Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C00 Datasheet (PDF) - NXP Semiconductors

PCF84C00 Datasheet PDF - NXP Semiconductors
Part # PCF84C00
Download  PCF84C00 Download
File Size   143.69 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with I2C-bus interface

PCF84C00 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF84C00 Datasheet PDF - NXP Semiconductors

Part # PCF84C00
Download  PCF84C00 Click to download

File Size   143.69 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with I2C-bus interface

PCF84C00 Datasheet (HTML) - NXP Semiconductors


PCF84C00 Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCF84C00. The shared properties of the PCF84CxxxA family of microcontrollers are described in the “PCF84CxxxA family” data sheet, which should be read in conjunction with this publication.
The PCF84C00 has 20 quasi-bidirectional I/O lines, an I2C-bus serial interface, a single-level vectored interrupt structure, an 8-bit timer/event counter and on-chip clock oscillator and clock circuits.

FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, RAM, I/O in a single 28-lead or 56-lead package
• ‘Piggy-back’ and ROM-less versions, external program memory
• 256 × 8 RAM
• 20 quasi-bidirectional I/O port lines
• Two test inputs, one of which is also the external interrupt input
• Three single-level vectored interrupts:
   – external
   – timer/event counter
   – I2C-bus
• I2C-bus interface for serial data transfer on two lines (serial I/O data via an existing port line and clock via a dedicated line)
• 8-bit programmable timer/event counter
• Clock frequency range: 100 kHz to 10 MHz
• Over 80 instructions (similar to those of the MAB8048) all of 1 or 2 cycles
• Single supply voltage (2.5 to 5.5 V)
• Stop and Idle modes
• Power-on reset circuit
• Operating temperature range: −40 to +85 °C.




Similar Part No. - PCF84C00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
8-bit microcontroller
1998 May 11
PCF84C12A PHILIPS-PCF84C12A Datasheet
127Kb / 16P
8-bit microcontrollers
1996 Nov 20
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
89Kb / 16P
8-bit microcontroller
1998 May 11
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
127Kb / 16P
8-bit microcontrollers
1996 Nov 20
PCF84C12AT PHILIPS-PCF84C12AT Datasheet
89Kb / 16P
8-bit microcontroller
1998 May 11
More results


Similar Description - PCF84C00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
8-bit Microcontroller with Flash and I2C Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com