Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C00 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF84C00
Description  8-bit microcontroller with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF84C00 Datasheet HTML 1Page - NXP Semiconductors PCF84C00 Datasheet HTML 2Page - NXP Semiconductors PCF84C00 Datasheet HTML 3Page - NXP Semiconductors PCF84C00 Datasheet HTML 4Page - NXP Semiconductors PCF84C00 Datasheet HTML 5Page - NXP Semiconductors PCF84C00 Datasheet HTML 6Page - NXP Semiconductors PCF84C00 Datasheet HTML 7Page - NXP Semiconductors PCF84C00 Datasheet HTML 8Page - NXP Semiconductors PCF84C00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1996 Nov 25
3
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
1
FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, RAM, I/O in a single 28-lead or 56-lead
package
• ‘Piggy-back’ and ROM-less versions, external program
memory
• 256 × 8 RAM
• 20 quasi-bidirectional I/O port lines
• Two test inputs, one of which is also the external
interrupt input
• Three single-level vectored interrupts:
– external
– timer/event counter
–I2C-bus
• I2C-bus interface for serial data transfer on two lines
(serial I/O data via an existing port line and clock via a
dedicated line)
• 8-bit programmable timer/event counter
• Clock frequency range: 100 kHz to 10 MHz
• Over 80 instructions (similar to those of the MAB8048)
all of 1 or 2 cycles
• Single supply voltage (2.5 to 5.5 V)
• Stop and Idle modes
• Power-on reset circuit
• Operating temperature range: −40 to +85 °C.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCF84C00. The shared properties of the PCF84CxxxA
family of microcontrollers are described in the
“PCF84CxxxA family” data sheet, which should be read in
conjunction with this publication.
The PCF84C00 has 20 quasi-bidirectional I/O lines, an
I2C-bus serial interface, a single-level vectored interrupt
structure, an 8-bit timer/event counter and on-chip clock
oscillator and clock circuits.
This efficient controller also performs well as an arithmetic
processor. It has facilities for both binary and BCD
arithmetic plus bit-handling capabilities.
The instruction set is similar to the MAB8048 and is a
sub-set of that listed in the
“PCF84CxxxA family” data
sheet.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF84C00B
−
Non-standard 28-lead ‘piggy-back’ package with 28-pin EPROM socket
on top. Bottom ‘footprint’ and pinning as DIP 28, version SOT117-1.
The SOT117-1 information provided in Chapter “Package Outlines” is
correct in these respects, but not for the physical size of the
PCF84C00B, which is larger than the SOT117-1 package.
−
PCF84C00T
VSO56
Plastic very small outline package; 56 leads.
SOT 190-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com