Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

610B Datasheet (PDF) - Hammond Manufacturing Ltd.

610B Datasheet PDF - Hammond Manufacturing Ltd.
Part # 610B
Download  610B Download
File Size   130.68 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Pulse Encapsulated P.C. Board Mount

610B Datasheet (PDF)

Go To PDF Page Download Datasheet
610B Datasheet PDF - Hammond Manufacturing Ltd.

Part # 610B
Download  610B Click to download

File Size   130.68 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Pulse Encapsulated P.C. Board Mount

610B Datasheet (HTML) - Hammond Manufacturing Ltd.


610B Product details

Features
These ferrite cored transformers are fully encapsulated in a high grade black molded case
with a UL94V-O rating.
Units are intended for wide band and pulse applications including thyristor / triac firing
circuits.
Peak pulse voltage rating maximum of 250V.
Insulation tested to 1,000V RMS.




Similar Part No. - 610B

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610 MARL-610 Datasheet
411Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
logo
Oscilent Corporation
610 OSCILENT-610 Datasheet
146Kb / 2P
Low Profile
logo
Enercon Technologies Eu...
610 ENERCON-610 Datasheet
878Kb / 2P
Compact, Portable IP67 Military Fast Ethernet Switch
Jan 25, 2020
logo
Testo SE & Co. KGaA
610 TESTO-610 Datasheet
238Kb / 10P
Innovative Pocket-Sized Measurement Technology
logo
Carl Kammerling Interna...
610 CARL-610 Datasheet
161Kb / 3P
Tape5 tape measures
09/05/2007
More results


Similar Description - 610B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
For MINI Fuses P.C. Board Mount Type
logo
Winchester Electronics ...
SD451-060-0046H WINCHESTER-SD451-060-0046H Datasheet
94Kb / 1P
P.C MOUNT MCX JACK
SD451-060-0046J WINCHESTER-SD451-060-0046J Datasheet
76Kb / 1P
P.C MOUNT MCX JACK
logo
Hammond Manufacturing L...
108L HAMMOND-108L Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
148D HAMMOND-148D Datasheet
395Kb / 2P
P.C. BOARD MOUNT AUDIO TRANSFORMERS
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
Low Voltage - P.C. Board Mount (183 Series)
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
611 HAMMOND-611 Datasheet
118Kb / 1P
Pulse Open Frame P.C. Board Mount
11/8/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com