Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5043H Datasheet (PDF) - NXP Semiconductors

PCD5043H Datasheet PDF - NXP Semiconductors
Part # PCD5043H
Download  PCD5043H Download
File Size   109.65 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT burst mode controller

PCD5043H Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5043H Datasheet PDF - NXP Semiconductors

Part # PCD5043H
Download  PCD5043H Click to download

File Size   109.65 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT burst mode controller

PCD5043H Datasheet (HTML) - NXP Semiconductors


PCD5043H Product details

GENERAL DESCRIPTION
The PCD5043 DECT Burst Mode Controller (BMC) is a custom IC that performs the DECT Physical Layer and MAC Layer time-critical functions, for use in DECT remote radio transceiver (PABX) products which comply with the following standards:

• DECT CI part 2: Physical layer (DE/RES 3001-2)
• DECT CI part 3 : Medium Access Control layer (DE/RES 3001-3)
• DECT CI part 7: Security features for DECT (DE/RES 3001-7)
• DECT CI part 9: Public Access Profile (DE/RES 3001-9).

FEATURES
• On-chip pre-programmed Communication Controller with embedded firmware for implementation of Traffic Bearer Control (TBC), MAC message handling, scanning, and control of the device’s other functional units.
• Fixed Part (FP) modes
• TDMA frame (de)multiplexing
• Encryption
• Scrambling
• CRC generation and checking
• Beacon transmission control (by P00 packets)
• Switches up to12 active speech channels from speech interface to 1152 kbits/s. radio interface, and vice versa
• Dual channel speech/data capability
• RSSI measurement, with on-chip 6-bits peak/hold detector
• Local call switching for up to 6 internal calls on RF side/local call switching on speech side
• Quality control report
• Digital Phase Locked Loop (DPLL)
• Synchronization (handset to active bearer, base station to cluster of RFPs)
• Seamless handover procedure
• Fast (hardware) and slow (software) mute function
• 1 kbyte extended RAM memory
• On-chip crystal oscillator (13.824 MHz)
• Programmable microcontroller clock frequency
• Programmable interrupts
• Watchdog with two programmable time-outs
• Low power consumption in standby mode
• Low supply voltage (2.7 to 5.5 V)
• SACMOS technology.




Similar Part No. - PCD5043H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5041 PHILIPS-PCD5041 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5041H PHILIPS-PCD5041H Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5041HZ PHILIPS-PCD5041HZ Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042H PHILIPS-PCD5042H Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
More results


Similar Description - PCD5043H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
Burst Mode Memory Controller
logo
NXP Semiconductors
PCD5041 PHILIPS-PCD5041 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5091 PHILIPS-PCD5091 Datasheet
128Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5093 PHILIPS-PCD5093 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com