Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5041 Datasheet (PDF) - NXP Semiconductors

PCD5041 Datasheet PDF - NXP Semiconductors
Part # PCD5041
Download  PCD5041 Download
File Size   134.57 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT burst mode controller

PCD5041 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5041 Datasheet PDF - NXP Semiconductors

Part # PCD5041
Download  PCD5041 Click to download

File Size   134.57 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT burst mode controller

PCD5041 Datasheet (HTML) - NXP Semiconductors


PCD5041 Product details

GENERAL DESCRIPTION

The PCD5041 DECT Burst Mode Controller (BMC) is a custom IC that performs the DECT Physical Layer and MAC Layer time-critical functions, for use in DECT handset products which comply with the following standards (and updates):

• DECT CI part 2: Physical layer (DE/RES 3001-2)

• DECT CI part 3 : Medium Access Control layer (DE/RES 3001-3)

• DECT CI part 7: Security features for DECT (DE/RES 3001-7)

• DECT CI part 9: Public Access Profile (DE/RES 3001-9).



The PCD5041 has interfaces to:

• ADPCM CODECs in the handset mode

• A radio transceiver; the interface is fully decoded, and includes power-down signals

• An external microcontroller.

The PCD5041 is designed to be connected to an ADPCM CODEC (Philips’ PCD5032, for example) and an 80C51-type microcontroller. Other microcontrollers (e.g. 68000) and CODECs can also be supported.



FEATURES

• On-chip pre-programmed Communication Controller with embedded firmware for implementation of Traffic Bearer Control (TBC), MAC message handling, scanning, and control of the device’s other functional units.

• Portable Part (PP) modes

• TDMA frame (de)multiplexing

• Encryption

• Scrambling

• CRC generation and checking

• Beacon transmission control (by P00 packets)

• On-chip comparator for receive data slicer function (only available in the LQFP80 package)

• Switches up to12 active speech channels from speech interface to 1152 kbit/s. radio interface, and vice versa

• Dual channel speech/data capability

• Received Signal Strength Indication (RSSI) measurement, with on-chip 6-bits peak/hold detector

• Quality control report

• Digital Phase Locked Loop (DPLL)

• Synchronization (handset to active bearer, base station to cluster of RFPs)

• Seamless handover procedure

• Fast (hardware) and slow (software) mute function

• 1 kbyte extended RAM memory

• On-chip crystal oscillator (13.824 MHz)

• Programmable microcontroller clock frequency

• Programmable interrupts

• Watchdog with two programmable time-outs

• Low power consumption in standby mode

• Low supply voltage (2.7 to 5.5 V)

• SACMOS technology.



 




Similar Part No. - PCD5041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042H PHILIPS-PCD5042H Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042HZ PHILIPS-PCD5042HZ Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5043 PHILIPS-PCD5043 Datasheet
109Kb / 24P
DECT burst mode controller
1996 Oct 31
PCD5043H PHILIPS-PCD5043H Datasheet
109Kb / 24P
DECT burst mode controller
1996 Oct 31
More results


Similar Description - PCD5041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
Burst Mode Memory Controller
logo
NXP Semiconductors
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5043 PHILIPS-PCD5043 Datasheet
109Kb / 24P
DECT burst mode controller
1996 Oct 31
PCD5091 PHILIPS-PCD5091 Datasheet
128Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5093 PHILIPS-PCD5093 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com