Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5041 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5041
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5041 Datasheet HTML 1Page - NXP Semiconductors PCD5041 Datasheet HTML 2Page - NXP Semiconductors PCD5041 Datasheet HTML 3Page - NXP Semiconductors PCD5041 Datasheet HTML 4Page - NXP Semiconductors PCD5041 Datasheet HTML 5Page - NXP Semiconductors PCD5041 Datasheet HTML 6Page - NXP Semiconductors PCD5041 Datasheet HTML 7Page - NXP Semiconductors PCD5041 Datasheet HTML 8Page - NXP Semiconductors PCD5041 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Oct 31
3
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
1
FEATURES
• On-chip pre-programmed Communication Controller
with embedded firmware for implementation of Traffic
Bearer Control (TBC), MAC message handling,
scanning, and control of the device’s other functional
units.
• Portable Part (PP) modes
• TDMA frame (de)multiplexing
• Encryption
• Scrambling
• CRC generation and checking
• Beacon transmission control (by P00 packets)
• On-chip comparator for receive data slicer function (only
available in the LQFP80 package)
• Switches up to12 active speech channels from speech
interface to 1152 kbit/s. radio interface, and vice versa
• Dual channel speech/data capability
• Received Signal Strength Indication (RSSI)
measurement, with on-chip 6-bits peak/hold detector
• Quality control report
• Digital Phase Locked Loop (DPLL)
• Synchronization (handset to active bearer, base station
to cluster of RFPs)
• Seamless handover procedure
• Fast (hardware) and slow (software) mute function
• 1 kbyte extended RAM memory
• On-chip crystal oscillator (13.824 MHz)
• Programmable microcontroller clock frequency
• Programmable interrupts
• Watchdog with two programmable time-outs
• Low power consumption in standby mode
• Low supply voltage (2.7 to 5.5 V)
• SACMOS technology.
2
GENERAL DESCRIPTION
The PCD5041 DECT Burst Mode Controller (BMC) is a
custom IC that performs the DECT Physical Layer and
MAC Layer time-critical functions, for use in DECT
handset products which comply with the following
standards (and updates):
• DECT CI part 2: Physical layer (DE/RES 3001-2)
• DECT CI part 3 : Medium Access Control layer
(DE/RES 3001-3)
• DECT CI part 7: Security features for DECT
(DE/RES 3001-7)
• DECT CI part 9: Public Access Profile
(DE/RES 3001-9).
The PCD5041 has interfaces to:
• ADPCM CODECs in the handset mode
• A radio transceiver; the interface is fully decoded, and
includes power-down signals
• An external microcontroller.
The PCD5041 is designed to be connected to an ADPCM
CODEC (Philips’ PCD5032, for example) and an
80C51-type microcontroller. Other microcontrollers (e.g.
68000) and CODECs can also be supported.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5041H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm); body
14
× 20 × 2.8 mm
SOT319-2
PCD5041HZ
LQFP80 plastic low profile quad flat package; 80 leads; body 12
× 12 × 1.4 mm
SOT315-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com