Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5041 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD5041
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD5041 Datasheet HTML 13Page - NXP Semiconductors PCD5041 Datasheet HTML 14Page - NXP Semiconductors PCD5041 Datasheet HTML 15Page - NXP Semiconductors PCD5041 Datasheet HTML 16Page - NXP Semiconductors PCD5041 Datasheet HTML 17Page - NXP Semiconductors PCD5041 Datasheet HTML 18Page - NXP Semiconductors PCD5041 Datasheet HTML 19Page - NXP Semiconductors PCD5041 Datasheet HTML 20Page - NXP Semiconductors PCD5041 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1996 Oct 31
17
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
Table 1
Hardware register addresses
ADDRESS
WRITE
READ
7E0
−−
7E1
S-DATA1
−
7E2
S-DATA2
−
7E3
S-DATA3
RMT-STAT
7E4
−
RF-STATUS
7E5
B-field-shift
−
7E6
B-field-loc.
−
7E7
A-field-loc.
−
7E8
window-wide-off
−
7E9
window-wide-on
−
7EA
window-narrow-off
−
7EB
window-narrow-on
−
7EC
T-power-rmp-on
−
7ED
synth-off
−
7EE
RF-control-port
sync-status
7EF
slot-cnt-off
slot-counter-copy
7F0
frame-cnt-ref
RSSI
7F1
sync-ref-preset
bit-counter-copy 1
7F2
bit-counter-preset
bit-counter-copy 2
7F3
frame-counter
frame-counter
7F4
slot-counter
slot-counter
7F5
sync-control
sync-control
7F6
BMC-mode
BMC-mode
7F7
correlator-threshold measure
7F8
watchdog-1
−
7F9
watchdog-2
−
7FA
−−
7FB
−−
7FC
interrupt-event
interrupt-event
7FD
interrupt-enable
interrupt-enable
7FE
interrupt-reset
−
7FF
controller mode
controller mode
Table 2
Fixed RAM locations
ADDRESS
ENTRY
740 to 747
cipher key vector #0
748 to 74F
cipher key vector #1
750 to 757
cipher key vector #2
758 to 75F
cipher key vector #3
760 to 767
cipher key vector #4
768 to 76F
cipher key vector #5
770 to 777
cipher key vector #6
778 to 77F
cipher key vector #7
780 to 787
cipher key vector #8
788 to 78F
cipher key vector #9
790 to 797
cipher key vector #10
798 to 79F
cipher key vector #11
7A0 to 7A7
cipher init vector
7A8 to 7AA
not used
7AB
XZ field buffer
7AC to 7AF
S-field buffer
7B0 to 7BB
cipher-slot-control-table
7BC to 7BF
not used
7C0 to 7DF
speech-slot-control-table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com