Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

168 Datasheet (PDF) - Hammond Manufacturing Ltd.

168 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 168
Download  168 Download
File Size   130.65 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Hard Wired

168 Datasheet (PDF)

Go To PDF Page Download Datasheet
168 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 168
Download  168 Click to download

File Size   130.65 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Hard Wired

168 Datasheet (HTML) - Hammond Manufacturing Ltd.


168 Product details

Features
Single winding, does not provide isolation, for use where equipment is already isolated
and only voltage change is required.
Flexible world wide applications, 50 or 60 Hz. operation, 115VAC input.
Output taps @ 85, 95, 105, 110, 115 and 125VAC.
Ideal for manual line voltage adjustment for electronic equipment or small appliance
operation.
Models 168B, 168C & 168D are CSA certified (209651)
Connection by flexible leads, 8" minimum length.
Remember - These units do NOT convert line frequency




Similar Part No. - 168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1680 ETC2-1680 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Heyco.
1680 HEYCO-1680 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Multicomp Pro
1680 MULTICOMP-1680 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
logo
RAF ELECTRONIC HARDWARE
1680-440-N RAF-1680-440-N Datasheet
75Kb / 1P
1/4 ROUND FEMALE STANDOFFS
1680-440-SS RAF-1680-440-SS Datasheet
75Kb / 1P
1/4 ROUND FEMALE STANDOFFS
More results


Similar Description - 168

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF4AA1 ENERGIZER-TUF4AA1 Datasheet
135Kb / 1P
Hard Case Flashlight
TUF4D1 ENERGIZER-TUF4D1 Datasheet
238Kb / 1P
Hard Case Lantern
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
Wired RGB Controller
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
logo
Hammond Manufacturing L...
169C HAMMOND-169C Datasheet
290Kb / 1P
Straight Isolation - Hard Wired (169 Series)
logo
OSRAM GmbH
641115W12VBA OSRAM-641115W12VBA Datasheet
121Kb / 4P
Hard-glass technology
logo
Hammond Manufacturing L...
170G HAMMOND-170G Datasheet
124Kb / 1P
Hard Wired 170 Series
2/7/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com