Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11041 Datasheet (PDF) - Maxim Integrated Products

MAX11041 Datasheet PDF - Maxim Integrated Products
Part # MAX11041
Download  MAX11041 Download
File Size   310.3 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wired Remote Controllers

MAX11041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11041 Datasheet PDF - Maxim Integrated Products

Part # MAX11041
Download  MAX11041 Click to download

File Size   310.3 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wired Remote Controllers

MAX11041 Datasheet (HTML) - Maxim Integrated Products


MAX11041 Product details

General Description
The MAX11041/MAX11042 wired remote controllers convert up to six or 30 different pushbuttons into an I2C register. Together with low-cost pushbutton switches and 1% resistors, the MAX11041/MAX11042 are total solutions over a single-wire interface. A wired remote controller easily piggybacks to a standard 3.5mm headphone jack using a fourth contact or one of the audio signals

Features
♦ Detect Up to Six (MAX11042) or 30 (MAX11041) Different Keys and Jack Insertion/Removal
♦ Work with Either 32Ω or 16Ω Headphones
♦ Add Remote-Control Functionality to Devices Using a Simple Resistor and Switch Array
♦ Low-Power Operation Consuming a Supply Current of Only 5µA (typ)
♦ Work with Standard 2.5mm or 3.5mm 4-Pin Headphone Jacks
♦ Support Hold Function to Lockout Keys
♦ 100kHz/400kHz I2C Interface
♦ Single 1.6V to 3.6V Supply Voltage Range
♦ ±15kV ESD Protection (IEC 61000-4-2)




Similar Part No. - MAX11041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
MAX11041ETC MAXIM-MAX11041ETC Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
MAX11041ETC+ MAXIM-MAX11041ETC+ Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
More results


Similar Description - MAX11041

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
2-Wire Type Wired Remote Controller
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
INFRARED REMOTE CONTROLLERS
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
Wired RGB Controller
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
PHOENIX CONTACT
2730239 PHOENIX-2730239 Datasheet
53Kb / 3P
Fan module for Remote Field Controllers RFC 430 ETH-IB / RFC 450 ETH-IB
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com