Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G7951 Datasheet (PDF) - Global Mixed-mode Technology Inc

G7951 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G7951
Download  G7951 Download
File Size   35.79 Kbytes
Page   2 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface

G7951 Datasheet (PDF)

Go To PDF Page Download Datasheet
G7951 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G7951
Download  G7951 Click to download

File Size   35.79 Kbytes
Page   2 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface

G7951 Datasheet (HTML) - Global Mixed-mode Technology Inc


G7951 Product details

General Description
The G7951 contains 3 precise digital thermometers, one fan controllers, hardware and software thermal shutdown.
The thermometers report the temperature of 3 remote sensors. The remote sensors are diode-connected transistors typically a low-cost, easily mounted 2N3904 NPN type or the diode built-in in CPU. Remote accuracy is ±1°C for multiple transistor manufacturer. The G7951 also support offset adjust function via SMBus to fix the error due to different CPU diode or parasitic resistors.
The 2-wire serial interface accepts standard System Management Bus (SMBusTM) Write Byte, Read Byte, Send Byte, and Receive Byte commands. G7951 SMBus address is 7ah for write and 7bh for read. And supports writting protection function by command 20h to prevent error behavior of µP.

Features
● Measures Three Remote Temperatures
● Adjustable Offset for Each Sensor via SMBus
● Accuracy: ±1°C (+ 60°C to + 100°C)
              ±3°C (- 10°C to + 120°C)
● +4.5V to +5.5V Supply Range
● Programmable Hardware Thermal Shutdown for Sensor 2 and Programmable Software Thermal Shutdown for Sensor 1,3.
● SMBus 2-Wire Serial Interface with Writting Protection Function.
● Alert Signal for Diode Fault, Fan Fail, and Fan Out of Control
● Supports SMBus Alert Response
● PWM Mode Speed Control
● Closed Loop Speed Control and programmable 8 Bits Open Loop PWM Duty cycle Control for FAN
● Wide Speed Control Range for FAN, Accuracy within 2%, when SET_CNT1 > 50
● Internal Current- limit and Over-temperature Protection for the Fan
● SSOP-16 & TQFN4X4-24 Package

Applications
● Desktop and Notebook
● Central Office Computers
● Telecom Equipment
● Smart Battery Packs
● Industrial Controls
● LAN Servers




Similar Part No. - G7951

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
Relay Output Blocks
G79-100C OMRON-G79-100C Datasheet
417Kb / 14P
Relay Output Blocks
G79-150C OMRON-G79-150C Datasheet
417Kb / 14P
Relay Output Blocks
G79-150C OMRON-G79-150C Datasheet
417Kb / 14P
Relay Output Blocks
G79-150C-125-100 OMRON-G79-150C-125-100 Datasheet
417Kb / 14P
Relay Output Blocks
More results


Similar Description - G7951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G794 GMT-G794 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7932 GMT-G7932 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com