Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1669 Datasheet (PDF) - Maxim Integrated Products

MAX1669 Datasheet PDF - Maxim Integrated Products
Part # MAX1669
Download  MAX1669 Download
File Size   213.1 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fan Controller and Remote Temperature Sensor with SMBus Serial Interface

MAX1669 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1669 Datasheet PDF - Maxim Integrated Products

Part # MAX1669
Download  MAX1669 Click to download

File Size   213.1 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fan Controller and Remote Temperature Sensor with SMBus Serial Interface

MAX1669 Datasheet (HTML) - Maxim Integrated Products


MAX1669 Product details

General Description
The MAX1669 fan controller includes a precise digital thermometer that reports the temperature of a remote sensor. The remote sensor is a diode-connected transistor—typically a low-cost, easily mounted 2N3906 PNP type—replacing conventional thermistors or thermocouples. Remote accuracy is ±3°C for transistors from multiple manufacturers, with no calibration needed. The MAX1669 has an independent fan controller with a low current logic output requiring external power components to interface to a DC brushless fan. The fan controller has two modes of operation: a low-frequency (20Hz to 160Hz) PWM mode intended for driving the fan motor, or a high-impedance DAC output that generates a variable DC control voltage. In PWM mode, the FAN frequency can be synchronized to an external clock.

Features
♦ Measures Remote CPU Temperature
♦ No Calibration Required
♦ 20Hz to 160Hz PWM Output for Fan
♦ PWM Frequency Sync Input (260kHz)
♦ Flexible Fan Interface: Linear or PWM
♦ SMBus 2-Wire Serial Interface
♦ Programmable Under/Overtemperature Alarms
♦ ALERT Latched Interrupt Output
♦ OVERT Thermostat Output
♦ Two GPIO Pins
♦ Write-Once Configuration Protection
♦ Supports SMBus Alert Response
♦ ±3°C Temperature Accuracy (-40°C to +125°C, remote)
♦ 3µA Standby Supply Current
♦ +3V to +5.5V Supply Range
♦ Small 16-Pin QSOP Package

Applications
    Pentium® CPU Cooling
    Desktop Computers
    Notebook Computers
    Servers
    Workstations




Similar Part No. - MAX1669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX166 MAXIM-MAX166 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
More results


Similar Description - MAX1669

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com