Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G768B Datasheet (PDF) - List of Unclassifed Manufacturers

G768B Datasheet PDF - List of Unclassifed Manufacturers
Part # G768B
Download  G768B Download
File Size   370.87 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit

G768B Datasheet (PDF)

Go To PDF Page Download Datasheet
G768B Datasheet PDF - List of Unclassifed Manufacturers

Part # G768B
Download  G768B Click to download

File Size   370.87 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit

G768B Datasheet (HTML) - List of Unclassifed Manufacturers


G768B Product details

[GMT]

General Description
The G768B contains a precise digital thermometer, 2 fan controllers, and a system-reset circuit.
The G768B is backward compatible with G768, Except that there is an additional watchdog function. This function prevents fan from being out of control when system fails.
The thermometer reports the temperature of 2 remote sensors and its own package. The remote sensors are diode-connected transistors typically a low-cost, easily mounted 2N3904 NPN type that replace conventional thermistors or thermocouples. Remote accuracy is ±5°C for multiple transistor manufacturers, with no calibration needed. The remote channel can also measure the die temperature of other ICs, such as microprocessors, that contain an on-chip, diode-connected transistor.

Features
■ Measures Two Remote and One Local Temperatures
■ No Calibration Required
■ SMBus 2-Wire Serial Interface
■ Programmable Under/Over-temperature Alarms
■ Supports SMBus Alert Response
■ Accuracy:
   ±5°C (-40°C to + 125°C, remote)
   ±3°C (+60°C to + 100°C, remote)
■ +4.5V to +5.5V Supply Range
■ Constant Fan Speed Control
■ Built-in MOSFET switch
■ Internal short-circuit protection
■ PWM control for stable operation
■ Watchdog for fan control
■ Precision Monitoring of 5V Power-Supply Voltage
■ 140ms Min Power-On Reset Pulse Width RESET Output
■ Guaranteed RESET Valid to VCC=1V
■ Power Supply Transient Immunity
■ No External Components needed for reset function
■ Small, 16-Pin SSOP Package

Applications
■ Desktop and Notebook
■ Central Office Computers
■ Telecom Equipment
■ Smart Battery Packs
■ Test and Measurement
■ LAN Servers
■ Multi-Chip Modules
■ Industrial Controls




Similar Part No. - G768B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
More results


Similar Description - G768B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com