Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G768D Datasheet (PDF) - Global Mixed-mode Technology Inc

G768D Datasheet PDF - Global Mixed-mode Technology Inc
Part # G768D
Download  G768D Download
File Size   343.06 Kbytes
Page   16 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit

G768D Datasheet (PDF)

Go To PDF Page Download Datasheet
G768D Datasheet PDF - Global Mixed-mode Technology Inc

Part # G768D
Download  G768D Click to download

File Size   343.06 Kbytes
Page   16 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit

G768D Datasheet (HTML) - Global Mixed-mode Technology Inc


G768D Product details

General Description
The G768D contains a precise digital thermometer, a fan controller, and a system-reset circuit.
Except for one less fan controller, G768D is backward compatible with G768B. G768D has 2 more functions, fan-failure detection and programmable thermal shutdown signal.
The thermometer reports the temperature of 2 remote sensors. The remote sensors are diode-connected transistors typically a low-cost, easily mounted 2N3904 NPN type that replace conventional thermistors or thermocouples. Remote accuracy is ±5°C for multiple transistor manufacturers, with no calibration needed. The remote channel can also measure the die temperature of other ICs, such as microprocessors, that contain an on-chip, diode-connected transistor.

Features
■ Measures Two Remote Temperatures
■ No Calibration Required
■ SMBus 2-Wire Serial Interface
■ Programmable Under/Over-temperature Alarms
■ Programmable Thermal Shutdown Signal
■ Supports SMBus Alert Response
■ Accuracy:
   ±5°C (-40°C to + 125°C, remote)
   ±3°C (+60°C to + 100°C, remote)
■ +4.5V to +5.5V Supply Range
■ Fan speed control range: 3,000 to 30,000 rpm
■ Fan speed accuracy: ±2%
■ Built-in MOSFET switch
■ Internal current-limit and over-temperature protection for fan control
■ Watchdog for fan control
■ Alarm for fan failure
■ Precision Monitoring of 5V Power-Supply Voltage
■ 340ms Typical Power-On Reset Pulse Width RESET Output
■ Guaranteed RESET Valid to VCC=1V
■ Power Supply Transient Immunity
■ No External Components needed for reset function
■ Small, 16-Pin SSOP Package

Applications
■ Desktop and Notebook
■ Central Office Computers
■ Telecom Equipment
■ Smart Battery Packs
■ Test and Measurement
■ LAN Servers
■ Multi-Chip Modules
■ Industrial Controls




Similar Part No. - G768D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G768 ETC-G768 Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results


Similar Description - G768D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Global Mixed-mode Techn...
G771 GMT-G771 Datasheet
268Kb / 15P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G794 GMT-G794 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
G7932 GMT-G7932 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com