Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP81 Datasheet (PDF) - Shenzhen Developer Microelectronics Co., Ltd

DP81 Datasheet PDF - Shenzhen Developer Microelectronics Co., Ltd
Part # DP81
Download  DP81 Download
File Size   1096.43 Kbytes
Page   8 Pages
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd
Description High Performance Current Mode PWM Controller

DP81 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP81 Datasheet PDF - Shenzhen Developer Microelectronics Co., Ltd

Part # DP81
Download  DP81 Click to download

File Size   1096.43 Kbytes
Page   8 Pages
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd
Description High Performance Current Mode PWM Controller

DP81 Datasheet (HTML) - Shenzhen Developer Microelectronics Co., Ltd


DP81 Product details

GENERAL DESCRIPTION
DP2281 is a highly integrated current mode PWM
control IC optimized for high performance, low
standby power and cost effective offline flyback
converter applications.
PWM switching frequency at normal operation is
internally fixed and is trimmed to tight range. At no
load or light load condition, the IC operates in
extended burst mode to minimize switching loss,
which can achieve less than 75mW standby.
VDD low startup current and low operating current
contribute to a reliable power on startup and low
standby design with DP2281.
DP2281 offers comprehensive protections
coverage with automatic self-recovery feature
including Cycle-by-Cycle current limiting (OCP),
over load protection (OLP), on-chip Thermal
Shutdown (OTP), VDD over voltage protection
(VDD OVP) and VDD under voltage lockout
(UVLO), etc. Excellent EMI performance is
achieved with frequency shuffling and soft totem
pole gate drive
The tone energy at below 20KHz is minimized in
the design and audio noise is eliminated during
operation.
DP2281 is offered in SOT23-6 package.

FEATURES
■ Less than 75mW Standby Power at Universal
Input
■ Power on Soft Start Reducing MOSFET Vds
Stress
■ Frequency Shuffling for EMI
■ Fixed 65KHz Switching Frequency
■ Internal Synchronized Slope Compensation
■ Low VDD Startup Current and Low Operating
Current
■ Built-in Leading Edge Blanking
■ On-chip Thermal Shutdown
■ Soft Gate Driver for Good EMI Performance
■ Over Load Protection
■ Cycle-by-Cycle Current Limiting
■ VDD Under Voltage Lockout with Hysteresis
(UVLO)
■ VDD OVP & Clamp
APPLICATIONS
Offline AC/DC flyback converter for
■ AC/DC Adapter
■ Open-frame SMPS




Similar Part No. - DP81

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP810 3M-DP810 Datasheet
190Kb / 7P
Scotch-Weld™ Low Odor AcrylicAdhesives
June 2019
logo
Power-One
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
8V to 14V Input , 0.7V to 5.5V Output
logo
3M Electronics
DP810NS 3M-DP810NS Datasheet
190Kb / 7P
Scotch-Weld™ Low Odor AcrylicAdhesives
June 2019
logo
Power-One
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
8V to 14V Input, 0.7V to 5.5V Output
logo
Shenzhen Developer Micr...
DP8128 DEPUW-DP8128 Datasheet
1Mb / 9P
Step-down, quasi-resonant LED driver switch
Rev.1.1
More results


Similar Description - DP81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com