Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY6288AFAC Datasheet (PDF) - Silergy Corp.

SY6288AFAC Datasheet PDF - Silergy Corp.
Part # SY6288AFAC
Download  SY6288AFAC Download
File Size   620.03 Kbytes
Page   14 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description Low Loss Power Distribution Switch Preliminary Specification

SY6288AFAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SY6288AFAC Datasheet PDF - Silergy Corp.

Part # SY6288AFAC
Download  SY6288AFAC Click to download

File Size   620.03 Kbytes
Page   14 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description Low Loss Power Distribution Switch Preliminary Specification

SY6288AFAC Datasheet (HTML) - Silergy Corp.


SY6288AFAC Product details

General Description
SY6288 is an ultra-low RDS(ON) switch with current
limiting function to protect the power source from over
current and short circuit conditions.

Features
· Distribution voltages: 2.5V to 5.5V
· Over temperature shutdown and automatic
retry
· Reverse blocking (no body diode)
· At shutdown, OUT can be forced higher than
IN
· Fault flag (OCB) output for over current and
fault conditions
· Automatic output discharge at shutdown
· Built-in softstart
· 0.4ms rise time
· RoHS Compliant and Halogen Free
· Two Enable polarities and three current levels
o SY6288A: Active High/0.6A
o SY6288B: Active Low/0.6A
o SY6288C: Active High/2A
o SY6288C1: Active High/1.5A
o SY6288C2: Active High/1.5A
o SY6288C4: Active High/2A
o SY6288D: Active Low/2A
o SY6288D1: Active Low/1.5A
o SY6288D2: Active Low/1.5A
· Compact packages minimize board space:
SOT23-5, SO8, MSOP8
· UL certification NO. 20100428-E333762
TUV certification NO. R501887690001




Similar Part No. - SY6288AFAC

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
SY6280A SILERGY-SY6280A Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
SY6280AAAC SILERGY-SY6280AAAC Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
SY6280AAC SILERGY-SY6280AAC Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
More results


Similar Description - SY6288AFAC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
Dual-Channel Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
Quad USB Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
Dual USB Power Distribution Switch Preliminary Information
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
Quad Power Distribution Switch Preliminary Information
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
Preliminary specification
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
Preliminary Specification
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com