Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2026 Datasheet (PDF) - Micrel Semiconductor

MIC2026 Datasheet PDF - Micrel Semiconductor
Part # MIC2026
Download  MIC2026 Download
File Size   175.53 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Power Distribution Switch Preliminary Information

MIC2026 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2026 Datasheet PDF - Micrel Semiconductor

Part # MIC2026
Download  MIC2026 Click to download

File Size   175.53 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Power Distribution Switch Preliminary Information

MIC2026 Datasheet (HTML) - Micrel Semiconductor


MIC2026 Product details

General Description
The MIC2026 and MIC2076 are high-side MOSFET switches optimized for general-purpose power distribution requiring circuit protection.
The MIC2026/76 are internally current limited and have thermal shutdown that protects the device and load.

Features
•140mΩmaximum on-resistance per channel
• 2.7V to 5.5V operating range
• 500mA minimum continuous current per channel
• Shortcircuit protection with thermal shutdown
• Thermally isolated channels
• Fault status flag with 3ms filter eliminates false assertions
•Undervoltage lockout
• Reverse current flow blocking (no “body diode”)
• Circuit breaker mode (MIC2076)
•Logic-compatible inputs
•Soft-start circuit
• Low quiescent current
• Pin compatible with MIC2526
• UL File # E179633

Applications
•USB peripherals
• General purpose power switching
•ACPI power distribution
•Notebook PCs
•PDAs
• PC card hot swap




Similar Part No. - MIC2026

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026 Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-1BM MICREL-MIC2026-1BM Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-1BN MICREL-MIC2026-1BN Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-1YM MICREL-MIC2026-1YM Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-2BM MICREL-MIC2026-2BM Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
More results


Similar Description - MIC2026

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
Dual Switch IGBT Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
Single-Channel Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
Quad USB Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
Dual USB Power Distribution Switch Preliminary Information
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
Quad Power Distribution Switch Preliminary Information
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
Dual Programmable Current Limit Switch Preliminary Information
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
Dual USB Power Distribution Switch Final Information
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com