Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2026-2YMTR Datasheet (PDF) - Micrel Semiconductor

MIC2026-2YMTR Datasheet PDF - Micrel Semiconductor
Part # MIC2026-2YMTR
Download  MIC2026-2YMTR Download
File Size   1000.29 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Power Distribution Switch

MIC2026-2YMTR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2026-2YMTR Datasheet PDF - Micrel Semiconductor

Part # MIC2026-2YMTR
Download  MIC2026-2YMTR Click to download

File Size   1000.29 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Power Distribution Switch

MIC2026-2YMTR Datasheet (HTML) - Micrel Semiconductor


MIC2026-2YMTR Product details

General Description
The MIC2026 and MIC2076 are high-side MOSFET switches optimized for general-purpose power distribution requiring circuit protection.
The MIC2026/76 are internally current limited and have thermal shutdown that protects the device and load.

Features
•140mΩmaximum on-resistance per channel
• 2.7V to 5.5V operating range
• 500mA minimum continuous current per channel
• Shortcircuit protection with thermal shutdown
• Thermally isolated channels
• Fault status flag with 3ms filter eliminates false assertions
•Undervoltage lockout
• Reverse current flow blocking (no “body diode”)
• Circuit breaker mode (MIC2076)
•Logic-compatible inputs
•Soft-start circuit
• Low quiescent current
• Pin compatible with MIC2526
• UL File # E179633

Applications
•USB peripherals
• General purpose power switching
•ACPI power distribution
•Notebook PCs
•PDAs
• PC card hot swap




Similar Part No. - MIC2026-2YMTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2YM MICREL-MIC2026-2YM Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
More results


Similar Description - MIC2026-2YMTR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com