Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026L Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2026L Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2026L
Download  TS2026L Download
File Size   275.34 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual-Channel Power Distribution Switch

TS2026L Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2026L Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2026L
Download  TS2026L Click to download

File Size   275.34 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Dual-Channel Power Distribution Switch

TS2026L Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2026L Product details

General Description
The TS2026L is high-side MOSFET switches optimized for general-purpose power distribution requiring circuit protection.
The TS2026L are internally current limited and have thermal shutdown that protects the device and load. When a thermal shutdown fault occurs, the output is latched off until the faulty load is removed. Removing that load or toggling the enable input will reset the device output. Both device employ soft-start circuitry that minimized inrush current in application where highly capacitive loads are employed. A fault status output flag is asserted during over current and thermal shutdown conditions. Transient faults are internally filtered.

Features
◇ 140mΩ max. on-resistance per channel
◇ 2.7V to 5.5V operating range
◇ 500mA min. continuous current per channel
◇ Short-circuit protection with thermal shutdown
◇ Thermal isolated channels.
◇ Fault status flag with 3ms filter eliminates false assertions.
◇ Under voltage lockout
◇ Reverse current flow blocking (no “body diode”)
◇ Logic-compatible inputs
◇ Soft-start circuit
◇ Low quiescent current

Applications
◇ USB peripherals
◇ General purpose power switching
◇ ACPI power distribution
◇ Notebook PCs
◇ PDAsPC
◇ Card hot swap




Similar Part No. - TS2026L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026CS TSC-TS2026CS Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
More results


Similar Description - TS2026L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com