Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026L Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2026L
Description  Dual-Channel Power Distribution Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2026L Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2026L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS2026L
4-7
2005/11 rev. A
Pin Description
Pin
Name
Description
1
ENA
Switch A Enable (Input): Logic-compatible enable input. active low (L)
2
FLGA
Fault Flag A (Output): Active-low, open-drain output. Indicated over current or thermal shutdown
conditions. Over current conditions mush last longer than
tD in order to assert FLGA
3
FLGB
Fault Flag B (Output): Active-low, open-drain output. Indicated over current or thermal shutdown
conditions. Over current conditions mush last longer than
tD in order to assert FLGB
4
ENB
Switch B Enable (Input): Logic-compatible enable input. active-low (L)
5
OUTB
Switch B (Output)
6
GND
Ground
7
IN
Input: Switch and logic supply input
8
OUTA
Switch A (Output)
Test Circuit
Timing Diagram
Output Rise and Fall Time
Active-Low Switch Times



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com