Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026L Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS2026L
Description  Dual-Channel Power Distribution Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2026L Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS2026L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2026L Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS2026L
6-7
2005/11 rev. A
Function Description
Fault Flag
The FLG signal is an N-channel open-drain MOSFET output. FLG is asserted (active-low) when either an over current
or thermal shutdown condition occurs. In the case of and over current condition, FLG will be asserted only after the
flag response delay time, tD, has elapsed. This ensured that FLG is asserted only upon valid over current conditions
and that erroneous error reporting is eliminated. For example, false over current condition can occur during hot plug
event when a highly capacitive load is connected and causes a high transient inrush current that exceeds the
current-limit threshold for up to 1ms. The FLG response delay time tD is typically 3ms.
Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the output MOSFET from turning on until VIN exceeds approximately 2.5V.
Undervoltage detection function only when the switch is enabled.
Figure 1. TS2026L Fault Timing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com