Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25503 Datasheet (PDF) - Analog Devices

MAX25503 Datasheet PDF - Analog Devices
Part # MAX25503
Download  MAX25503 Download
File Size   203.44 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 x 24 Automotive LED Matrix Driver

MAX25503 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25503 Datasheet PDF - Analog Devices

Part # MAX25503
Download  MAX25503 Click to download

File Size   203.44 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 x 24 Automotive LED Matrix Driver

MAX25503 Datasheet (HTML) - Analog Devices


MAX25503 Product details

General Description
The MAX25503 is a 4 x 24-channel modular matrix driver. The integrated current outputs can sink up to 65mA LED current each. The source drive pins provide current to the columns of the matrix on a multiplexed basis. Device power comes from an external 3.3V or 5V supply while the LED current-sink outputs can operate at up to 14V.
A feedback output pin (FB) is provided to control an external DC-DC converter so that voltage headroom can be optimized and the overall system power dissipation reduced.
The device is highly flexible due to its programmability using the SPI interface. Among the programmable parameters are the LED current, individual PWM settings, and multiplex ratio.
The high-speed interface can be used to control up to 16 devices.
The MAX25503 is available in TQFN and TSSOP packages and operates in the -40°C to +125°C temperature range.
Applications
•Central Information Displays
•Instrument Clusters
•Interior Lighting
•Exterior Rear Lighting
Benefits and Features
•Flexible Configuration
•Programmable Multiplex Ratio between 4:1 and1:1
•Integrated Column Drivers
•Programmable Dither for Enhanced Resolution
•Optional Individual Programmable Delays
•Optional Pseudorandom Spread Spectrum onEach Output
•24 Row Drivers
•Up to 65mA Peak Output Current
•Very Narrow Minimum Current Pulse forMaximum Dimming Ratio
•Optional Ghosting Elimination
•Extensive Diagnostics
•Shorted or Open LEDs
•Programmable VLED Overvoltage Detection withFlag
•Shorted SNK_ or SRC_ to GND
•ISET out of Range
•Thermal Warning/Shutdown
•FB Output to Control External DC-DC Converter
•High-Speed SPI Interface
•VSYNC Synchronization Input (Programmable ActiveHigh/Low)
•48-Lead TQFN and TSSOP Packages
•AEC-Q100 Grade1




Similar Part No. - MAX25503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2551 MAXIM-MAX2551 Datasheet
74Kb / 2P
Band II and V WCDMA Femtocell Transceiver with GSM Monitoring
1/26/2016
MAX25512 MAXIM-MAX25512 Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
logo
Analog Devices
MAX25512B AD-MAX25512B Datasheet
1Mb / 42P
I2C-Controlled 4-Channel Low- Voltage 120mA LED Backlight Driver with Integrated Boost Converter
Rev 2; 6/24
MAX25512BATGA/V+ AD-MAX25512BATGA/V+ Datasheet
1Mb / 42P
I2C-Controlled 4-Channel Low- Voltage 120mA LED Backlight Driver with Integrated Boost Converter
Rev 2; 6/24
MAX25512BATGA/VY+ AD-MAX25512BATGA/VY+ Datasheet
1Mb / 42P
I2C-Controlled 4-Channel Low- Voltage 120mA LED Backlight Driver with Integrated Boost Converter
Rev 2; 6/24
More results


Similar Description - MAX25503

ManufacturerPart #DatasheetDescription
logo
Rohm
LPM-5763MU301 ROHM-LPM-5763MU301 Datasheet
87Kb / 2P
24 x 24 dot matrix unit
LUM-115HMU306 ROHM-LUM-115HMU306 Datasheet
62Kb / 2P
24 x 48 dot matrix unit
LUM-115HMU307 ROHM-LUM-115HMU307 Datasheet
67Kb / 2P
24 x 48 dot matrix unit
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
Dot-matrix LED Driver
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
4 x 96 Dot Matrix LCD Controller/Driver
logo
Panasonic Semiconductor
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
7 x 7 Dots Matrix LED Driver LSI
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
7 x 7 Dots Matrix LED Driver LSI
logo
JFW Industries, Inc.
50MS-287 JFW-50MS-287_18 Datasheet
32Kb / 2P
24 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-337 JFW-50MS-337_18 Datasheet
32Kb / 2P
24 X 4 BLOCKING SOLID STATE MATRIX SWITCH
logo
NXP Semiconductors
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com