Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25512B Datasheet (PDF) - Analog Devices

MAX25512B Datasheet PDF - Analog Devices
Part # MAX25512B
Download  MAX25512B Download
File Size   1369.93 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Controlled 4-Channel Low- Voltage 120mA LED Backlight Driver with Integrated Boost Converter

MAX25512B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25512B Datasheet PDF - Analog Devices

Part # MAX25512B
Download  MAX25512B Click to download

File Size   1369.93 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Controlled 4-Channel Low- Voltage 120mA LED Backlight Driver with Integrated Boost Converter

MAX25512B Datasheet (HTML) - Analog Devices


MAX25512B Product details

Benefits and Features
•Operates down to 3V on Battery Input after Startup
•Wide Boost Duty Cycle to Support Low InputVoltage
•Boost or SEPIC Current-Mode DC-DC Controller
•400kHz to 2.2MHz Operating Frequency Range
•Spread Spectrum Available
•Ability to Synchronize to an External Clock
•LED Current Sinks
•Up to 120mA Output Current per String with Fine-Adjust DAC for brightness calibration
•Low OUT_ Regulation Voltage for Best Efficiency
•Optional Phase-Shifting of Outputs
•I2C Control for Enhanced Flexibility
•16667:1 Dimming Ratio at 200Hz
•NTC Input for LED Current Foldback at HighTemperature
•Hybrid Dimming Capable
•Built-inProgrammable Automatic Fading Functionality
•Detailed Diagnostic Using I2C and FLTB Output
•Shorted or Open LEDs
•Continuous Short-to-GND Monitoring
•Thermal Shutdown
•Output Undervoltage
•Compact, 4mm x 4mm TQFN Package
•AEC-Q100 Grade 1
Applications
•Automotive Instrument Clusters
•Automotive Central Information Displays
•Automotive Head-Up Displays




Similar Part No. - MAX25512B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25512 MAXIM-MAX25512 Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
MAX25512EVKIT MAXIM-MAX25512EVKIT Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
MAX25512EVKIT# MAXIM-MAX25512EVKIT# Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
More results


Similar Description - MAX25512B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308 Datasheet
271Kb / 4P
ML0308 Backlight LED Boost Converter
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
Linear Technology
LT3599 LINER-LT3599_15 Datasheet
279Kb / 26P
4-Channel 120mA LED Driver
logo
Anpec Electronics Corop...
APW8739 ANPEC-APW8739 Datasheet
422Kb / 28P
4-Channel LED Backlight Converter with SMBus Controlled
logo
Maxim Integrated Produc...
MAX25014 MAXIM-MAX25014 Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
logo
Richtek Technology Corp...
RT4539A RICHTEK-RT4539A Datasheet
1Mb / 39P
39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
December 2022
RT8549L RICHTEK-RT8549L Datasheet
406Kb / 24P
24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
May 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com