Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6001 Datasheet (PDF) - NXP Semiconductors

PCD6001 Datasheet PDF - NXP Semiconductors
Part # PCD6001
Download  PCD6001 Download
File Size   385.36 Kbytes
Page   96 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital telephone answering machine chip

PCD6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD6001 Datasheet PDF - NXP Semiconductors

Part # PCD6001
Download  PCD6001 Click to download

File Size   385.36 Kbytes
Page   96 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital telephone answering machine chip

PCD6001 Datasheet (HTML) - NXP Semiconductors


PCD6001 Product details

GENERAL DESCRIPTION

The PCD6001 integrates all the digital and analog speech management and processing functions required for a feature-phone with integrated digital answering machine, or a stand-alone digital answering machine into a single low-cost chip.



FEATURES

• Excellent speech quality at average: 2.6, 3.2 or 5.2 kbits/s compression rate

• Excellent background noise suppression for speech quality improvement

• Speech compression rate selection: 2.6, 3.2 or 5.2 kbits/s

• Speech decompression rate selection: 2.6, 3.2 or 5.2 kbits/s

• Variable playback speed: 50%, 100% and 200% of real time

• Voice prompt playback

• Philips International Language Library (PILL) support tools available; coding at 2.6, 3.2 or 5.2 kbits/s

• Voice operated start message recording (VOX)

• Call progress detection by busy tone detection and programmable silence detection

• Recording time of minimum 20 minutes in 4-Mbit flash memory (at 3.2 kbits/s)

• Excellent true full-duplex handsfree performance provided by Philips ‘phlux’ algorithm

• On-hook caller ID detection according to Bell 202 and V.23 standards, as well as DTMF caller ID support

• Caller Alerting Signal (CAS) - caller ID level 2

• Dual tone generation for DTMF, melody tones and information tones

• Optional dial tone detection, and optional ringing detection using hardware Caller Identification (CID) interface

• DTMF detection (for remote control function) with local echo canceller for high reliability

• Digital volume control

• Mixed digital/analog adaptive limit and/or level control of audio input signals

• Programmable analog CODEC gain for easy interfacing

• Internal 80C51 microcontroller can operate as system controller; with selectable operating frequencies between 1 and 21 MHz

• Internal 80C51 microcontroller emergency operation down to 2.2 V eliminates the need for external diallers in telephone answering machine applications

• Standard 80C51 development tools allow fast design of Man-Machine-Interface (MMI) features

• On-board Minimum Shift Keying (MSK) modem for CT0/CT1 applications



 




Similar Part No. - PCD6001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
PCD6003H PHILIPS-PCD6003H Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
PCD6003U PHILIPS-PCD6003U Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
More results


Similar Description - PCD6001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
Cordless telephone, answering machine line interface
1999 Feb 17
logo
Samsung semiconductor
KS8620 SAMSUNG-KS8620 Datasheet
73Kb / 9P
1 Chip CODEC for Digital Answering phone
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
Telephone Answering Machine Use
logo
Siemens Semiconductor G...
PSB2168 SIEMENS-PSB2168 Datasheet
897Kb / 185P
Digital Answering Machine SAM
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
Cordless telephone, answering machine line interface
logo
List of Unclassifed Man...
D6571E ETC-D6571E Datasheet
551Kb / 117P
Chip for an All-Digital Telephone Answering Machine with Flash Memory Interface
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
Telephone Answering Machine
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
logo
Maxim Integrated Produc...
DS2132A MAXIM-DS2132A Datasheet
231Kb / 17P
Digital Answering Machine Processor
041295
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com