Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6001 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD6001 Datasheet HTML 1Page - NXP Semiconductors PCD6001 Datasheet HTML 2Page - NXP Semiconductors PCD6001 Datasheet HTML 3Page - NXP Semiconductors PCD6001 Datasheet HTML 4Page - NXP Semiconductors PCD6001 Datasheet HTML 5Page - NXP Semiconductors PCD6001 Datasheet HTML 6Page - NXP Semiconductors PCD6001 Datasheet HTML 7Page - NXP Semiconductors PCD6001 Datasheet HTML 8Page - NXP Semiconductors PCD6001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
2001 Apr 17
4
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
2
APPLICATION SUMMARY
The PCD6001 can be used in various applications, some
of which are listed below. Refer to Chapter 18 for the
corresponding outline application diagrams.
• Stand-alone digital answering machine; with handsfree
• Feature phone with integrated digital answering
machine and full-duplex handsfree
• Dual-line digital answering machines
• Analog cordless applications such as CT0/1 base
stations; with handsfree and MSK modem function for
RF digital data transmission
• Portable voice memo recorders
• Automotive applications - car status announcements for
example
• Low-cost desktop video conferencing
• IOM master/slave interface to connect directly to digital
systems like ISDN and DECT.
2.1
Metalink emulation
Metalink emulation is supported with the standard
package.
3
GENERAL DESCRIPTION
The PCD6001 integrates all the digital and analog speech
management and processing functions required for a
feature-phone with integrated digital answering machine,
or a stand-alone digital answering machine into a single
low-cost chip.
Key hardware features which give the chip distinct
advantages in performance and application over
competitive solutions include:
• The flexibility to change the MMI
• An easy-to-program standard 80C51 microcontroller
with 32-kbyte internal ROM memory
• High 80C51 microprocessor power for system controller
functions of CT0/CT1 system control functions
• Up to 38 general purpose I/O lines for peripheral control
• I2C-bus interface
• Flexible flash memory control to interface to several
types of serial and parallel flash memory
• Two integrated 16-bit bitstream audio CODECs for true
full-duplex handsfree operation or dual-line stand-alone
answering machine operation
• Internal Digital Speech Processor (DSP) for excellent
‘HARMONY’ sinusoidal speech compression,
decompression and variable playback speed
• Embedded DTMF detection, call progress detection,
voice operated recording (VOX)
• High quality caller ID FSK demodulation and Caller
Alerting Signal (CAS) detection for CID level 2
• Two channel telephone line input for caller ID FSK and
audio interfacing.
Philips provides a sophisticated API running on the
internal 80C51, allowing product developers to design
their MMIs quickly to suit particular applications. The API
takes care of all flash memory and DSP management
tasks and can be enhanced on request.
For the pre-recorded voice prompts, the Philips
International Language Library (PILL) tools are available
for a standard multimedia PC platform under Windows 95.
These tools provide a way to compile a range of
multi-lingual voice prompts for efficient storage in the
speech (flash) memory. The PILL tools support various
languages and their grammar adaptations.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
TEMPERATURE
RANGE (
°C)
NAME
DESCRIPTION
VERSION
PCD6001H
QFP80
plastic quad flat package; 80 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT318-2
−25 to +70
PCD6001U
U/10
sawn wafer on Film Frame Carrier (delivery as Known
Good Dies)
−−25 to +70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com