Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6001 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 14Page - NXP Semiconductors PCD6001 Datasheet HTML 15Page - NXP Semiconductors PCD6001 Datasheet HTML 16Page - NXP Semiconductors PCD6001 Datasheet HTML 17Page - NXP Semiconductors PCD6001 Datasheet HTML 18Page - NXP Semiconductors PCD6001 Datasheet HTML 19Page - NXP Semiconductors PCD6001 Datasheet HTML 20Page - NXP Semiconductors PCD6001 Datasheet HTML 21Page - NXP Semiconductors PCD6001 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
2001 Apr 17
18
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
Table 8 shows the DSP clock frequency settings. Setting
the DSP frequency to the correct value according to the
operation mode of the DSP is done by the Application
Programming Interface (API). Please refer to the API
specification for more details.
Table 9 shows CLK_3 selection (CKCON.6/CKCON.7
according to Fig.4). The selection depends on the type of
crystal which is connected (determined by RTC mode
setting according to Table 6). The setting of CKCON [6:7],
thus determines the selection of the CLK_3 source (see
Table 2 and Fig.4). If CKCON.7 = 0 to denote Emergency
mode - CLK_3 will be derived from the EMG_CLK, as
shown in the following tables.
The TICB provides two periodic outputs to the
microcontroller: FS_event and TIME_event. FS_event is
programmable to 4 different rates. Both outputs are
derived from and therefore synchronized to FS1. The
outputs are connected to an interrupt input of the
microcontroller and called ‘Time_event interrupt’ and
‘FS_event interrupt’ respectively. The selection of the
FS_event interrupt rate is done via the CKCON SFR, see
Section 9.2.4. Figure 8 shows the generation of these
interrupts. Table 10 shows the selection of the FS_event
rate. The FS1 clock is provided by the CDCCNTRL block
shown in Fig.4.
Table 8
DSP clock selection
Table 9
CODEC clock selection
Note
1. A phase corrected CLK_3 clock is not available in Emergency mode (CKCON.7 = 0). For a CLK_3 phase correction
(CKCON.6 = 1), CLK_21 must be available.
Table 10 FS_event rate selection
CKCON.7
(EMG mode)
CKCON.5
(DSP clock 1)
CKCON.4
(DSP clock 0)
SYMOD.5
(PLL on/off)
DSP CLOCK
FREQUENCY
0
X
X
X
EMG_CLK
1
X
X
0
no clock active
1001
CLK_1
1011
CLK_7
1101
CLK_42
1111
CLK_28
CKCON.7
(EMG mode)
CKCON.6
(RTC mode)
CLK_3 SOURCE
0
X
EMG_CLK(1)
1
1
CLK3_CORR
1
0
CLK3_OUT
CKCON.1
(FS_event 1)
CKCON.0
(FS_event 0)
FS_event INTERRUPT RATE
0
0
FS1/16
500 Hz
2 ms
0
1
FS1/8
1 kHz
1 ms
1
0
FS1/4
2 kHz
500
µs
1
1
FS1
8 kHz
125
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com