Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1100 Datasheet (PDF) - List of Unclassifed Manufacturers

MS1100 Datasheet PDF - List of Unclassifed Manufacturers
Part # MS1100
Download  MS1100 Download
File Size   411.5 Kbytes
Page   16 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-Bit ADC with On-board Reference

MS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1100 Datasheet PDF - List of Unclassifed Manufacturers

Part # MS1100
Download  MS1100 Click to download

File Size   411.5 Kbytes
Page   16 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-Bit ADC with On-board Reference

MS1100 Datasheet (HTML) - List of Unclassifed Manufacturers


MS1100 Product details

PRODUCT DESCRIPTION
The MS1100 is a 16bit high-precision ADC. The on-board reference
provides a differential input range of ±2.048V. The MS1100 uses an
I2C serial interface. The power supply ranges from 2.7V to 5.5V.
The MS1100 can perform conversions at rates of 15, 30, 60 or 240
samples per second (SPS). The MS1100 integrates programmable gain
amplifier and gain is up to 8. In single-conversion mode, the MS1100
automatically enter into power-down state after a conversion, greatly
reducing power dissipation.
The MS1100 is designed for applications requiring high resolution
measurement and where space and power dissipation are major
considerations, such as portable instrument, industry control and
smart transmitter.

FEATURES
⚫ I2C Serial Interface
⚫ On-board Reference: 2.048V ±0.5%
⚫ Temperature Drift: 10ppm/°C
⚫ On-board PGA and OSC
⚫ 16Bit No Missing Codes
⚫ INL (Integral Non-linearity): 0.01%
⚫ I2C Address Number: 8
⚫ Programmable Data Rate: 15SPS to 240SPS
⚫ Operating Voltage: 2.7V to 5.5V
⚫ Low Current Consumption: 315μA

APPLICATIONS
⚫ Portable Instrument
⚫ Industry Process Control
⚫ Smart Transmitter
⚫ Factory Automation
⚫ Temperature Measurement




Similar Part No. - MS1100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS110 MICROSEMI-MS110 Datasheet
87Kb / 2P
1 Amp Schottky Rectifier
MS110 MICROSEMI-MS110 Datasheet
104Kb / 2P
1 Amp Schottky Rectifier
logo
Pan Jit International I...
MS110 PANJIT-MS110 Datasheet
109Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS110 KISEMICONDUCTOR-MS110 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
MS110 ZSELEC-MS110 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - MS1100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Analog Devices
AD7652ASTZ AD-AD7652ASTZ Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
Initial Version.
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7661 AD-AD7661 Datasheet
485Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7653 AD-AD7653 Datasheet
786Kb / 27P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com