Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5066 Datasheet (PDF) - Maxim Integrated Products

MAX5066 Datasheet PDF - Maxim Integrated Products
Part # MAX5066
Download  MAX5066 Download
File Size   367.68 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications

MAX5066 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5066 Datasheet PDF - Maxim Integrated Products

Part # MAX5066
Download  MAX5066 Click to download

File Size   367.68 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications

MAX5066 Datasheet (HTML) - Maxim Integrated Products


MAX5066 Product details

General Description
The MAX5066 is a two-phase, configurable single- or dual-output buck controller with an input voltage range of 4.75V to 5.5V or from 5V to 28V. Each phase of the MAX5066 is designed for 180° operation. A mode pin allows for a dual-output supply or connecting two phases together for a single-output, high-current supply. Each output channel of the MAX5066 drives n-channel MOSFETs and is capable of providing more than 25A of load current.

Features
♦ 4.75V to 5.5V or 5V to 28V Input
♦ Dual-Output Synchronous Buck Controller
♦ Configurable for Two Separate Outputs or One Single Output
♦ Each Output is Capable of Up to 25A Output Current
♦ Average Current-Mode Control Provides Accurate Current Limit
♦ 180° Interleaved Operation Reduces Size of Input Filter Capacitors
♦ Limits Reverse Current Sinking When Operated in Parallel Mode
♦ Each Output is Adjustable from 0.61V to 5.5V
♦ Independently Programmable Adaptive Voltage Positioning
♦ Independent Shutdown for Each Output
♦ 100kHz to 1MHz per Phase Programmable Switching Frequency
♦ Oscillator Frequency Synchronization from 200kHz to 2MHz
♦ Hiccup Mode Overcurrent Protection
♦ Overtemperature Shutdown
♦ Thermally Enhanced 28-Pin TSSOP Package Capable of Dissipating 1.9W
♦ Operates Over -40°C to +85°C or -40°C to +125°C Temperature Range

Applications
    High-End Desktop Computers
    Graphics Cards
    Networking Systems
    Point-of-Load High-Current/High-Density
    Telecom DC-DC Regulators
    RAID Systems




Similar Part No. - MAX5066

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
180Kb / 6P
fully assembled and tested circuit board
Rev 1; 8/06
MAX5066EVKIT MAXIM-MAX5066EVKIT Datasheet
180Kb / 6P
fully assembled and tested circuit board
Rev 1; 8/06
More results


Similar Description - MAX5066

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
logo
Linear Technology
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
High Current, Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com