Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6228HRTZ Datasheet (PDF) - Intersil Corporation

ISL6228HRTZ Datasheet PDF - Intersil Corporation
Part # ISL6228HRTZ
Download  ISL6228HRTZ Download
File Size   467.95 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Performance Dual-Output Buck Controller for Notebook Applications

ISL6228HRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6228HRTZ Datasheet PDF - Intersil Corporation

Part # ISL6228HRTZ
Download  ISL6228HRTZ Click to download

File Size   467.95 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Performance Dual-Output Buck Controller for Notebook Applications

ISL6228HRTZ Datasheet (HTML) - Intersil Corporation


ISL6228HRTZ Product details

The ISL6228 IC is a dual channel synchronous-buck PWM
controller featuring Intersil's Robust Ripple Regulator (R3)
technology that delivers truly superior dynamic response to
input voltage and output load transients. Integrated
MOSFET drivers and bootstrap diodes result in fewer
components and smaller implementation area.
Intersil’s R3 technology combines the best features of fixedfrequency and hysteretic PWMs while eliminating many of
their shortcomings. R3 technology employs an innovative
modulator that synthesizes an AC ripple voltage signal VR,
analogous to the output inductor ripple current. The AC signal
VR enters a window comparator where the lower threshold is
the error amplifier output VCOMP, and the upper threshold is a
programmable voltage reference VW, resulting in generation
of the PWM signal. The voltage reference VW sets the
steady-state PWM frequency. Both edges of the PWM can be
modulated in response to input voltage transients and output
load transients, much faster than conventional fixedfrequency PWM controllers. Unlike a conventional hysteretic
converter, each channel of the ISL6228 has an error amplifier
that provides ±1% voltage regulation at the FB pin.
The ISL6228 has a 1.5ms digital soft-start and can be
started into a pre-biased output voltage. A resistor divider is
used to program the output voltage setpoint. The ISL6228
operates in continuous-conduction-mode (CCM) in heavy
load, and in diode-emulation-mode (DEM) in light load to
improve light-load efficiency. In CCM, the controller always
operates as a synchronous rectifier. In DEM, the low-side
MOSFET is permitted to stay off, blocking negative current
flow into the low-side MOSFET from the output inductor.

Features
• High performance R3 technology
• Fast transient response
• ±1% regulation accuracy: -40°C to +100°C
• Individual power stage input rail for each channel
• Wide input voltage range: +3.3V to +25V
• Output voltage range: +0.6V to +5V
• Diode emulation mode for increased light load efficiency
• Programmable PWM frequency: 200kHz to 600kHz
• Pre-biased output start-up capability
• Integrated MOSFET drivers and bootstrap diode
• Internal digital soft-start
• Power good monitor
• Fault protection
- Undervoltage protection
- Soft crowbar overvoltage protection
- Inductor DCR overcurrent protection
- Over-temperature protection
- Fault identification by PGOOD pull-down resistance
• Pb-free (RoHS compliant)

Applications
• General purpose switching buck regulators
• PCI express graphical processing unit
• Auxiliary power rail
• VRM
• Network adaptor




Similar Part No. - ISL6228HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Renesas Technology Corp
ISL6228HRTZ RENESAS-ISL6228HRTZ Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ-T INTERSIL-ISL6228HRTZ-T Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Renesas Technology Corp
ISL6228HRTZ-T RENESAS-ISL6228HRTZ-T Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
More results


Similar Description - ISL6228HRTZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com