Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ESDS312 Datasheet PDF - Texas Instruments
Part # ESDS312
Download  ESDS312 Download
File Size   1237.6 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESDS31x Data-Line Surge and ESD Protection Diode Array

ESDS312 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS312 Datasheet PDF - Texas Instruments

Part # ESDS312
Download  ESDS312 Click to download

File Size   1237.6 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESDS31x Data-Line Surge and ESD Protection Diode Array

ESDS312 Datasheet (HTML) - Texas Instruments


ESDS312 Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV Contact Discharge
– ±30kV Air Gap Discharge
• IEC 61000-4-4 EFT protection:
– 80A (5/50ns)
• IEC 61000-4-5 surge protection:
– 25A (8/20μs)
• IO capacitance:
– 4.5pF (typical)
• DC breakdown voltage: 5.5V (minimum)
• Ultra low leakage current: 5nA (typical)
• Supports high speed interfaces up to 5Gbps
• Industrial temperature range: –40°C to +125°C
• Easy flow-through routing package (ESDS312)

2 Applications
• End equipment:
– Ethernet switches
– Access points
– Gateways
– Printers
– DVR and NVR
• Interfaces:
– Ethernet™ 10/100/1000Mbps
– USB™ 2.0
– GPIO

3 Description
The ESDS31x devices are unidirectional TVS ESD
protection diode array for Ethernet, USB and general
purpose data line surge protection up to 25A (8/20μs).
The ESDS31x devices are rated to dissipate ESD
strikes above the maximum level specified in the IEC
61000-4-2 international standard (Level 4).
The devices feature a 4.5pF IO capacitance per
channel making the device an excellent choice for
protecting high-speed interfaces such as Ethernet
10/100/1000, USB 2.0 and GPIO. The low dynamic
resistance and low clamping voltage provides system
level protection against transient events.




Similar Part No. - ESDS312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI1-ESDS312 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI2-ESDS312 Datasheet
1Mb / 23P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS312 TI2-ESDS312 Datasheet
1Mb / 24P
ESDS31x Data-Line Surge and ESD Protection Diode Array
REVISED FEBRUARY 2024
ESDS312DBVR TI1-ESDS312DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
More results


Similar Description - ESDS312

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6 Datasheet
84Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
December, 2004 ??Rev. 2
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6_06 Datasheet
123Kb / 4P
Schottky Diode Array for Four Data Line ESD Protection
March, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
Single Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
2-Line Surge and ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P_16 Datasheet
755Kb / 8P
4-Line Surge and ESD Protection
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI1-ESDS312_18 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
logo
ON Semiconductor
NSPM1042 ONSEMI-NSPM1042 Datasheet
228Kb / 8P
ESD and Surge Protection Diode
March, 2019 ??Rev. 0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com