Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312
Description  ESDS31x Data-Line Surge and ESD Protection Diode Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESDS312 Datasheet HTML 4Page - Texas Instruments ESDS312 Datasheet HTML 5Page - Texas Instruments ESDS312 Datasheet HTML 6Page - Texas Instruments ESDS312 Datasheet HTML 7Page - Texas Instruments ESDS312 Datasheet HTML 8Page - Texas Instruments ESDS312 Datasheet HTML 9Page - Texas Instruments ESDS312 Datasheet HTML 10Page - Texas Instruments ESDS312 Datasheet HTML 11Page - Texas Instruments ESDS312 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6 Detailed Description
6.1 Overview
The ESDS31x devices are unidirectional ESD Protection Diodes with a low capacitance. These devices can
dissipate high surge currents up to 25A (8/20µs) and ESD strikes above the maximum level specified by the
IEC 61000-4-2 International Standard. The low capacitance makes this device an excellent choice for protecting
high-speed signal interfaces such as Ethernet 10/100/1000Mbps and general purpose high speed data lines.
6.2 Functional Block Diagram
GND
I/O1
ESDS311
GND
I/O1
ESDS312
I/O2
GND
I/O2
I/O3
I/O4
I/O1
ESDS314
6.3 Feature Description
6.3.1 IEC 61000-4-4 EFT Protection
The I/O pins of ESDS311, ESDS312, and ESDS314 can withstand surge events (IEC 61000-4-5, 8/20µs
waveform) up to 25A and 170W. These devices also provide ESD protection up to ±30kV contact and ±30kV air
gap per IEC 61000-4-2 standard. The I/O pins can withstand an electrical fast transient (EFT) burst of up to 80A
(IEC 61000-4-4 5/50ns waveform, 4kV with 50Ω impedance). The capacitance between each I/O pin to ground is
4.5pF (typical) and 5.5pF (maximum). This device supports data rates up to 1Gbps.
The reverse DC breakdown voltage of each I/O pin is a minimum of 4.5V. This ensures that sensitive equipment
is protected from surges above the reverse standoff voltage of 3.6V. The I/O pins feature an ultra-low leakage
current of 100nA (maximum) with a bias of 3.6V. This device features an industrial operating range of –40°C to
+125°C.
6.4 Device Functional Modes
The ESDS31x devices are a passive integrated circuit that triggers when voltages are above VBRF or below
0.7V. During ESD events, voltages as high as ±30kV (air) can be directed to ground via the internal diode
network. When the voltages on the protected line fall below the trigger levels of ESDS31x (usually within a few
nano-seconds) the devices reverts to passive.
ESDS311, ESDS312, ESDS314
SLVSEG9C – MAY 2018 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ESDS311 ESDS312 ESDS314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com